Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC13 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation ATC13 Datasheet HTML 10Page - ATMEL Corporation ATC13 Datasheet HTML 11Page - ATMEL Corporation ATC13 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
6134AS–CASIC–08-Mar-05
ATC13 Summary
7.2
Dual-port Synchronous RAM
Key features of the dual-port synchronous RAM are:
• 300 MHz worst-case cycle time for 4 Kwords x 32 bits
• Zero quiescent current
• 3-state outputs
• Several aspect ratios for optimization of performance
• Separate data-in, data-out pins support a write-through feature
• Asynchronous write-through for testing interface shadow logic
•BIST interface
• Optional sub-word write capability
The dual-port synchronous RAM compiler is a high-density high-speed RAM compiler
with quiescent current consumption equal to zero when the RAM is not in a read or write
mode. The compiler is optimized for a power supply voltage range of 1.1V to 1.32V and
can operate at voltages as low as 0.9V. The DPRAM instances can be built with several
aspect ratios for maximum area and performance optimization. Separate output (Q) and
input (D) pins allow a write-through cycle feature. An asynchronous write-through mode
(AWT) allows testing of interface shadow logic through scan. Built-in self-test (BIST)
interface allows for easy connection to most memBIST solutions. The special test
modes allow externally bypassing read and write self-timed circuits and adjusting read
and write margins. The DPRAM compiler also includes a bit-write feature where selec-
tive write to each I/O can be done. A maskable write enable signal is provided for each
I/O for maximum flexibility.
Table 7-2 gives the range of permitted dual-port synchronous RAM configurations.
Note:
1. CM = 4, 8, 16: Column Mux option
7.3
Via Programmable Ultra-low-power ROM
Key features of the via programmable ROM are:
• 1-port high-density low-power synchronous via-2 programmable ROM
• 76 MHz worst-case cycle time for 8K words x 8 bits
• Zero quiescent current
• 3-state outputs
• Several aspect ratios for optimization of performance
• Programming support
The via programmable ROM compiler is a high-density low-power synchronous ROM
compiler. The quiescent current consumption is zero when the ROM is not enabled. The
compiler is optimized for a power supply voltage range of 1.1V to 1.32V. The ROM
instances can be built with several aspect ratios for maximum area and performance
Table 7-2.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
32
16K
4 x CM(1)
Word Size (Number of I/O bits)
2
256
1 bit
Total Bits in Core (Word Size x Address Locations)
64
512K


Similar Part No. - ATC13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
logo
RF Micro Devices
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
NXP Semiconductors
ATC100A0R5BT500XT NXP-ATC100A0R5BT500XT Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
logo
RF Micro Devices
ATC100A0R7BT RFMD-ATC100A0R7BT Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
More results

Similar Description - ATC13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
   Cell-based ASIC
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com