Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91FR40162S Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91FR40162S
Description  AT91 ARM Thumb Microcontrollers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91FR40162S Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91FR40162S Datasheet HTML 2Page - ATMEL Corporation AT91FR40162S Datasheet HTML 3Page - ATMEL Corporation AT91FR40162S Datasheet HTML 4Page - ATMEL Corporation AT91FR40162S Datasheet HTML 5Page - ATMEL Corporation AT91FR40162S Datasheet HTML 6Page - ATMEL Corporation AT91FR40162S Datasheet HTML 7Page - ATMEL Corporation AT91FR40162S Datasheet HTML 8Page - ATMEL Corporation AT91FR40162S Datasheet HTML 9Page - ATMEL Corporation AT91FR40162S Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
6174AS–ATARM–25-May-05
AT91FR40162S
5.
Architectural Overview
The AT91FR40162S integrates Atmel’s AT91R40008 ARM Thumb processor and a 2-Mbyte
(16-Mbit) Flash memory die in a single compact 121-ball BGA package. The address, data
and control signals, except the Flash memory enable, are internally interconnected.
The AT91R40008 architecture consists of two main buses, the Advanced System Bus (ASB)
and the Advanced Peripheral Bus (APB). Designed for maximum performance and controlled
by the memory controller, the ASB interfaces the ARM7TDMI processor with the on-chip 32-bit
SRAM memory, the External Bus Interface (EBI) connected to the encapsulated Flash and the
AMBABridge. The AMBA Bridge drives the APB, which is designed for accesses to on-chip
peripherals and optimized for low power consumption.
The AT91FR40162S implements the ICE port of the ARM7TDMI processor on dedicated pins,
offering a complete, low-cost and easy-to-use debug solution for target debugging.
5.1
Memories
The AT91FR40162S embeds 256K bytes of internal SRAM. The internal memory is directly
connected to the 32-bit data bus and is single-cycle accessible. This provides maximum per-
formance of 67 MIPS at 75 MHz by using the ARM instruction set of the processor, minimizing
system power consumption and improving on the performance of separate memory solutions.
The AT91FR40162S features an External Bus Interface (EBI), which enables connection of
external memories and application-specific peripherals. The EBI supports 8- or 16-bit devices
and can use two 8-bit devices to emulate a single 16-bit device. The EBI implements the early
read protocol, enabling faster memory accesses than standard memory interfaces.
The AT91FR40162S encapsulates a Flash memory organized as 1024K 16-bit words,
accessed via the EBI. A 16-bit Thumb instruction can be loaded from Flash memory in a single
access. Separate MCU and Flash memory reset inputs (NRST and NRSTF) are provided for
maximum flexibility. The user is thus free to tailor the reset operation to the application.
The AT91FR40162S integrates resident boot software called AT91 Flash Memory Uploader
software in the encapsulated Flash. The AT91 Flash Memory Uploader software is able to
upload program application software into its Flash memory.
5.2
Peripherals
The AT91FR40162S integrates several peripherals, which are classified as system or user
peripherals.
All on-chip peripherals are 32-bit accessible by the AMBA Bridge, and can be programmed
with a minimum number of instructions. The peripheral register set is composed of control,
mode, data, status and enable/disable/status registers.
An on-chip Peripheral Data Controller (PDC) transfers data between the on-chip USARTs and
on- and off-chip memory address space without processor intervention. Most importantly, the
PDC removes the processor interrupt handling overhead, making it possible to transfer up to
64K contiguous bytes without reprogramming the start address, thus increasing the perfor-
mance of the microcontroller, and reducing the power consumption.


Similar Part No. - AT91FR40162S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
3Mb / 214P
   Flash memory in a single compact 121-ball BGA package
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
3Mb / 214P
   1024K Words 16-bit Flash Memory (2M bytes)
AT91FR40162SB-CU ATMEL-AT91FR40162SB-CU Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91FR40162S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com