Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1IOH.H22C323 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # G1IOH.H22C323
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G1IOH.H22C323 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  G1IOH.H22C323 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G1IOH.H22C323 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G1IOH.H22C323 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G1IOH.H22C323 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Incremental encoders
1
www.baumerivo.com
www.baumerivo.com
G1I0H with hollow shaft
Features
Encoder with end or hollow shaft max. ø25 mm
Resolution max. 16384 ppr
Optical sensing
Clamping ring on flange
Robust design
High resistance to shock and vibrations
Top signal quality
Technical data - electrical ratings
Voltage supply
5 VDC ±10 %
4.75...30 VDC
Reverse polarity protection Yes (4.75...30 VDC)
Consumption w/o load
≤30 mA (24 VDC)
≤60 mA (5 VDC)
Resolution (steps/turn)
5...16384
Reference signal
Zero pulse, width 90°
Sensing method
Optical
Output frequency
≤150 kHz
Output signals
A 90° B, N + inverted
Output circuit
Linedriver RS422
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Approval
UL approval / E63076
G1I0H, G1I0S
Technical data - mechanical design
Housing
ø75 mm
Protection DIN EN 60529 IP 54
Operating speed
≤3800 rpm
Rotor moment of inertia
2000 gcm²
Materials
Housing: aluminium
Flange: aluminium
Operating temperature
-25...+85 °C (24 VDC)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
700 g
E-connection
Connector
G1I0H
Shaft
ø20 mm hollow shaft
ø25 mm hollow shaft
G1I0S
Shaft
ø20 mm end shaft
ø25 mm end shaft
Hollow or end shaft max. ø25 mm
Resolution 5...16384 pulses


Similar Description - G1IOH.H22C323

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com