Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X256-AU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM7X256-AU
Description  Incorporates the ARM7TDMI ARM Thumb Processor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256-AU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM7X256-AU Datasheet HTML 3Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 4Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 5Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 6Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 7Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 9Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 10Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
6120ES–ATARM–08-Oct-07
AT91SAM7X512/256/128 Preliminary Summary
Analog-to-Digital Converter
AD0-AD3
Analog Inputs
Analog
Digital pulled-up inputs at reset
AD4-AD7
Analog Inputs
Analog
Analog Inputs
ADTRG
ADC Trigger
Input
ADVREF
ADC Reference
Analog
Fast Flash Programming Interface
PGMEN0-PGMEN1
Programming Enabling
Input
PGMM0-PGMM3
Programming Mode
Input
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
CAN Controller
CANRX
CAN Input
Input
CANTX
CAN Output
Output
Ethernet MAC 10/100
EREFCK
Reference Clock
Input
RMII only
ETXCK
Transmit Clock
Input
MII only
ERXCK
Receive Clock
Input
MII only
ETXEN
Transmit Enable
Output
ETX0 - ETX3
Transmit Data
Output
ETX0 - ETX1 only in RMII
ETXER
Transmit Coding Error
Output
MII only
ERXDV
Receive Data Valid
Input
MII only
ECRSDV
Carrier Sense and Data Valid
Input
RMII only
ERX0 - ERX3
Receive Data
Input
ERX0 - ERX1 only in RMII
ERXER
Receive Error
Input
ECRS
Carrier Sense
Input
MII only
ECOL
Collision Detected
Input
MII only
EMDC
Management Data Clock
Output
EMDIO
Management Data Input/Output
I/O
EF100
Force 100 Mbits/sec.
Output
High
RMII only
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM7X256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
10Mb / 687P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
413Kb / 44P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
AT91SAM7X256-AU-001 ATMEL-AT91SAM7X256-AU-001 Datasheet
7Mb / 664P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7X256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3_06 Datasheet
463Kb / 39P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7SE512 ATMEL-AT91SAM7SE512_08 Datasheet
1Mb / 47P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7XC512 ATMEL-AT91SAM7XC512_08 Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM9G10 ATMEL-AT91SAM9G10_14 Datasheet
717Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
AT91SAM9G20 ATMEL-AT91SAM9G20_14 Datasheet
957Kb / 42P
   Incorporates the ARM926EJ-S ARM Thumb Processor
AT91M40008 ATMEL-AT91M40008 Datasheet
234Kb / 19P
   Incorporates the ARM7TDM ARM Thumb Processor Core
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
2Mb / 731P
   Incorporates the ARM7TDMI
AT91M63200 ATMEL-AT91M63200 Datasheet
244Kb / 12P
   ARM Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
   ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com