Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0U1UA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD5V0U1UA
Description  Ultra low capacitance unidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0U1UA Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD5V0U1UA Datasheet HTML 1Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 2Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 3Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 4Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 5Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 6Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 7Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 8Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PESD5V0U1UA_UB_UL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
3 of 12
NXP Semiconductors
PESD5V0U1UA/UB/UL
Ultra low capacitance unidirectional ESD protection diodes
5.
Limiting values
[1]
Device stressed with ten non-repetitive ESD pulses.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1] -9
kV
MIL-STD-883 (human
body model)
-10
kV
Table 8.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD)
> 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
ESD pulse waveform according to IEC 61000-4-2
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns


Similar Part No. - PESD5V0U1UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U1UA PHILIPS-PESD5V0U1UA Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA-Q NEXPERIA-PESD5V0U1UA-Q Datasheet
216Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
13 July 2022
PESD5V0U1UA NEXPERIA-PESD5V0U1UA_V01 Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
More results

Similar Description - PESD5V0U1UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3U1UA PHILIPS-PESD3V3U1UA Datasheet
96Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0U1UB-Q NEXPERIA-PESD5V0U1UB-Q Datasheet
202Kb / 11P
   Ultra low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5V0U1UA NEXPERIA-PESD5V0U1UA_V01 Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3U1UL NXP-PESD3V3U1UL Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD5V0U1UA PHILIPS-PESD5V0U1UA Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD3V3U1UB NEXPERIA-PESD3V3U1UB Datasheet
208Kb / 10P
   Ultra low capacitance unidirectional ESD protection diodes
6 April 2021
PESD3V3U1UA NEXPERIA-PESD3V3U1UA Datasheet
716Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com