Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0X1BQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0X1BQ
Description  Ultra low capacitance bidirectional ESD protection diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0X1BQ Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0X1BQ Datasheet HTML 1Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 2Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 3Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 4Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 5Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 6Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 7Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 8Page - NXP Semiconductors PESD5V0X1BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PESD5V0X1BQ_PESD5V0X1BT_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
5 of 13
NXP Semiconductors
PESD5V0X1BQ; PESD5V0X1BT
Ultra low capacitance bidirectional ESD protection diodes
bidirectional configuration
f = 1 MHz; Tamb =25 °C
unidirectional configuration
f = 1 MHz; Tamb =25 °C
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values
Fig 3.
Diode capacitance as a function of reverse
voltage; typical values
Fig 4.
V-I characteristics for a bidirectional
ESD protection diode
Fig 5.
V-I characteristics for a unidirectional
ESD protection diode
VR (V)
05
4
23
1
006aab249
0.88
0.92
0.84
0.96
1.0
Cd
(pF)
0.80
VR (V)
05
4
23
1
006aab348
1.8
1.7
1.9
2.0
Cd
(pF)
1.6
006aaa676
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
+
006aaa407
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
+


Similar Part No. - PESD5V0X1BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0X1BQ PHILIPS-PESD5V0X1BQ Datasheet
91Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BQ-115 PHILIPS-PESD5V0X1BQ-115 Datasheet
91Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
More results

Similar Description - PESD5V0X1BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0U1BA NXP-PESD5V0U1BA Datasheet
79Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01 - 25 April 2007
PESD5V0X1BL NXP-PESD5V0X1BL Datasheet
77Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-4 November 2008
PESD5V0U1BA PHILIPS-PESD5V0U1BA Datasheet
87Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-25 April 2007
PESD5V0X1BQ-115 PHILIPS-PESD5V0X1BQ-115 Datasheet
91Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com