Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S2UQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0S2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S2UQ Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0S2UQ Datasheet HTML 1Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 2Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 3Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 4Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 5Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 6Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 7Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 8Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
Product specification
Double ESD protection diodes
in SOT663 package
PESDxS2UQ series
FEATURES
• Uni-directional ESD protection of up to two lines
• Max. peak pulse power: Ppp = 150 W at tp = 8/20 µs
• Low clamping voltage: V(CL)R = 20 V at Ipp =15A
• Low reverse leakage current: IRM <1nA
• ESD protection > 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); Ipp = 15 A at tp = 8/20 µs.
APPLICATIONS
• Computers and peripherals
• Communication systems
• Audio and video equipment
• High speed data lines
• Parallel ports.
DESCRIPTION
Uni-directional double ESD protection diodes in a SOT663
plastic package. Designed to protect up to two
transmission or data lines from ElectroStatic Discharge
(ESD) damage.
MARKING
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE
PESD3V3S2UQ
E1
PESD5V0S2UQ
E2
PESD12VS2UQ
E3
PESD15VS2UQ
E4
PESD24VS2UQ
E5
SYMBOL
PARAMETER
VALUE
UNIT
VRWM
reverse stand-off
voltage
3.3, 5, 12, 15
and 24
V
Cd
diode capacitance
VR =0V;
f = 1 MHz
200, 150, 38, 32
and 23
pF
number of
protected lines
2
PIN
DESCRIPTION
1
cathode 1
2
cathode 2
3
common anode
sym022
2
1
3
1
2
3
001aaa732
Fig.1 Simplified outline (SOT663) and symbol.
Rev. 03 - 11 September 2008
2 of 13


Similar Part No. - PESD5V0S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2UQ PHILIPS-PESD5V0S2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESD5V0S2UQ NXP-PESD5V0S2UQ Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESD5V0S2UQ NEXPERIA-PESD5V0S2UQ Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESD5V0S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UQ NXP-PESDXS2UQ_10 Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com