Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S2UQ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0S2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S2UQ Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0S2UQ Datasheet HTML 1Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 2Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 3Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 4Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 5Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 6Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 7Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 8Page - NXP Semiconductors PESD5V0S2UQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
Product specification
Double ESD protection diodes
in SOT663 package
PESDxS2UQ series
ESD maximum ratings
Notes
1. Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses; see Fig.3.
2. Measured across either pins 1 and 3 or pins 2 and 3.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
ESD
electrostatic discharge
capability
IEC 61000-4-2 (contact discharge);
notes 1 and 2
PESD3V3S2UQ
30
kV
PESD5V0S2UQ
30
kV
PESD12VS2UQ
30
kV
PESD15VS2UQ
30
kV
PESD24VS2UQ
23
kV
HBM MIL-Std 883
PESDxS2UQ series
10
kV
ESD standards compliance
ESD STANDARD
CONDITIONS
IEC 61000-4-2; level 4 (ESD); see Fig.3
>15 kV (air); > 8 kV (contact)
HBM MIL-Std 883; class 3
>4 kV
handbook, halfpage
010
e−t
20
t (
µs)
Ipp
(%)
40
120
0
40
80
30
MLE218
100 % Ipp; 8 µs
50 % Ipp; 20 µs
Fig.2
8/20
µs pulse waveform according to
IEC 61000-4-5.
001aaa191
Ipp
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 to 1 ns
Fig.3
ElectroStatic Discharge (ESD) pulse
waveform according to IEC 61000-4-2.
Rev. 03 - 11 September 2008
4 of 13


Similar Part No. - PESD5V0S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2UQ PHILIPS-PESD5V0S2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESD5V0S2UQ NXP-PESD5V0S2UQ Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESD5V0S2UQ NEXPERIA-PESD5V0S2UQ Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESD5V0S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UQ NXP-PESDXS2UQ_10 Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com