Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7115 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 4Page - NXP Semiconductors SAF7115 Datasheet HTML 5Page - NXP Semiconductors SAF7115 Datasheet HTML 6Page - NXP Semiconductors SAF7115 Datasheet HTML 7Page - NXP Semiconductors SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors SAF7115 Datasheet HTML 10Page - NXP Semiconductors SAF7115 Datasheet HTML 11Page - NXP Semiconductors SAF7115 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
8 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
[1]
i.c.: internally connected; do not connect
[2]
See Table 4.
6.2 Pin description
H10 VSSD(IO)
H11 VSSD(IO)
H13 IPD0
H14 VSSD(CORE)
Row J
J1
AI21
J2
VDDA1
J4
VSSD(IO)
J5
VSSD(IO)
J6
VSSD(IO)
J7
VSSD(IO)
J8
VSSD(IO)
J9
VSSD(IO)
J10
VSSD(IO)
J11
VSSD(IO)
J13
IPD2
J14
IPD1
Row K
K1
AI12
K2
AI1D
K4
VSSD(IO)
K5
VSSD(IO)
K6
VSSD(IO)
K7
VSSD(IO)
K8
VSSD(IO)
K9
VSSD(IO)
K10 VSSD(IO)
K11 VSSD(IO)
K13 VDDD(CORE)
K14 IPD3
Row L
L1
AI11
L2
AGND
L4
TEST6
L5
TEST7
L6
VSSD(IO)
L7
VSSD(IO)
L8
VSSD(IO)
L9
VSSD(IO)
L10
TEST8
L11
TEST9
L13
IPD5
L14
IPD4
Row M
M1
AOUT
M2
VDDA0
M13 IPD7
M14 IPD6
Row N
N1
VSSA
N2
CE
N3
LLC2
N4
SCL
N5
VDDD(CORE)
N6
RTS1
N7
AMCLK
N8
ASCLK
N9
AMXCLK
N10 VDDD(CORE)
N11 ICLK
N12 ITRI
N13 IGP1
N14 IGPH
-
-
-
-
Row P
P1
VDDD(IO)
P2
LLC
P3
RESO_N
P4
SDA
P5
RTS0
P6
RTCO[2]
P7
VSSD(CORE)
P8
ALRCLK
P9
ITRDY
P10 TEST0
P11 IDQ
P12 IGP0
P13 IGPV
P14 VDDD(IO)
--
--
Table 3.
Pin allocation table (TFBGA160)[1] …continued
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
Table 4.
Pin description
Symbol
Pin
Type[1]
Description
HTQFP100
TFBGA160
Supplies (analog)
VDDA0
23
M2
P
analog supply voltage 0[2]
VDDA1
17
J2
P
analog supply voltage 1[3]
VDDA2
11
F1
P
analog supply voltage 2[4]
VDDA(XTAL)
8
E1
P
crystal analog supply voltage
VSSA
9, 15 and 24
E2, H2 and
N1
P
analog ground supply voltage
VSSA(XTAL)
5
D2
P
crystal analog ground supply voltage


Similar Part No. - SAF7115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
More results

Similar Description - SAF7115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
logo
NXP Semiconductors
TDA9181 PHILIPS-TDA9181 Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com