Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI331.1724113 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI331.1724113
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI331.1724113 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI331.1724113 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI331.1724113 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI331.1724113 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI331.1724113 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI331, GI333
Part number
GI331.
See part number (pulses)
E-connection
C3 Connector M23, 12-pin, radial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Hollow shaft / torque pin
0 Hollow shaft ø12 mm with 2 thread pins
with pin 15 mm, IP 54
1 Hollow shaft ø12 mm with 2 thread pins
with pin 9.5 mm, IP 54
A Hollow shaft ø12 mm with 2 thread pins
without pin, IP 54
GI333.
See part number (pulses)
E-connection
C3 Connector M23, 12-pin, radial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Hollow shaft / torque pin
0 Hollow shaft ø12 mm clamping ring on housing
with pin 15 mm, IP 54
1 Hollow shaft ø12 mm clamping ring on housing
with pin 9.5 mm, IP 54
A Hollow shaft ø12 mm clamping ring on housing
without pin, IP 54
G Hollow shaft ø12 mm clamping ring on housing
with pin 15 mm, IP 65
Part number (pulses)
49 (5)
57 (128)
22 (1000)
31 (3600)
36 (10)
06 (200)
23 (1024)
34 (4096)
50 (25)
09 (250)
24 (1250)
35 (5000)
39 (50)
13 (360)
26 (1500)
48 (6000)
40 (60)
14 (400)
28 (2000)
41 (100)
15 (500)
30 (2500)
Accessories
Connectors and cables (page %S)
Z 141.001
Female connector M23, 12-pin, less cable
Z 141.003
Female connector M23, 12-pin, 2 m cable
Z 141.005
Female connector M23, 12-pin, 5 m cable
Z 141.007
Female connector M23, 12-pin, 10 m cable
Mounting accessories (page %S)
Z 119.023
Spring coupling for encoders with ø58 mm
housing
Z 119.024
Torque support and spring washer for
encoders with 9.5 mm pin
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Hollow shaft max. ø12 mm
Resolution 5...6000 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Hollow shaft with thread pins
Hollow shaft with clamping ring


Similar Part No. - GI331.1724113

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI3310 GTM-GI3310 Datasheet
247Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GI331.1724113

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com