Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8950 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8950 Datasheet HTML 1Page - NXP Semiconductors TDA8950 Datasheet HTML 2Page - NXP Semiconductors TDA8950 Datasheet HTML 3Page - NXP Semiconductors TDA8950 Datasheet HTML 4Page - NXP Semiconductors TDA8950 Datasheet HTML 5Page - NXP Semiconductors TDA8950 Datasheet HTML 6Page - NXP Semiconductors TDA8950 Datasheet HTML 7Page - NXP Semiconductors TDA8950 Datasheet HTML 8Page - NXP Semiconductors TDA8950 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
2 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
General, VP = ±35 V
VP
supply voltage
±12.5 ±35
±40
V
VP(ovp)
overvoltage protection
supply voltage
non-operating; VDD − VSS
85
-
90
V
Iq(tot)
total quiescent current
Operating mode; no load;
no filter; no RC-snubber
network connected
-
5075mA
Stereo single-ended configuration
Po
output power
RL =4 Ω; THD=10%;
VP = ±39 V
-
170
-
W
RL =4 Ω; THD=10%;
VP = ±37 V
-
150
-
W
RL =6 Ω; THD=10%;
VP = ±37 V
-
100
-
W
Mono bridge-tied load configuration
Po
output power
RL =8 Ω; THD=10%;
VP = ±37 V
-
300
-
W
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8950J
DBS23P
plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm) SOT411-1
TDA8950TH
HSOP24
plastic, heatsink small outline package; 24 leads; low stand-off height
SOT566-3


Similar Part No. - TDA8950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950 PHILIPS-TDA8950 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J PHILIPS-TDA8950J Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950TH PHILIPS-TDA8950TH Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com