Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXMMS.4F02PA2 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GXMMS.4F02PA2
Description  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXMMS.4F02PA2 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GXMMS.4F02PA2 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXMMS.4F02PA2 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXMMS.4F02PA2 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXMMS.4F02PA2 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
1
www.baumerivo.com
www.baumerivo.com
GXMMS with modular bus cover
Features
Encoder multiturn / bus cover
Optical sensing
Resolution: singleturn 13 bit, multiturn 16 bit
End shaft ø12 mm / ø14 mm
Extreme compact design
High resistance to shock and vibrations
Modular bus interfaces
CANopen/DeviceNet/EtherCAT/Profibus/SSI/fibre-
optic
Code continuity check optional by bus
Two incremental tracks A and B
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤100 mA (24 VDC)
Initializing time (typ.)
250 ms after power on
Interfaces
Profibus-DPV0 / V2, CANopen,
DeviceNet, EtherCAT, Fiber-
optic bus, SSI
Function
Multiturn
User address
Rotary switch in bus cover
(type-specific)
Steps per turn
8192 / 13 bit
Number of turns
65536 / 16 bit
Incremental output
2048 pulses A90°B
+ inverted
Absolute accuracy
±0.025°
Sensing method
Optical
Code
Binary
Code sequence
CW/CCW programmable
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Programmable
parameters
Steps per revolution
Number of revolutions
Preset
Scaling
Rotational direction
Diagnostic functions
Position or parameter error
Multiturn sensing
Status indicator
DUO-LED integrated in bus
cover
Approval
UL approval / E63076
GXMMS + incremental multivo
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø12 mm end shaft
ø14 mm end shaft
Protection DIN EN 60529 IP 54
Operating speed
≤6000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm IP 54
Rotor moment of inertia
20 gcm²
Materials
Housing: steel
Flange: steel
Bus cover: zinc die-cast
or aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
720 g
E-connection
Bus cover
Optical sensing, end shaft
Multiturn encoder 13 bit ST / 16 bit MT, incremental tracks
CANopen / DeviceNet / EtherCAT / Profibus / SSI / fibre-optic


Similar Part No. - GXMMS.4F02PA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.0202PA2 IVO-GXMMW.0202PA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.0203P32 IVO-GXMMW.0203P32 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.0203PA2 IVO-GXMMW.0203PA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.0203V32 IVO-GXMMW.0203V32 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
More results

Similar Description - GXMMS.4F02PA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G0AMH IVO-G0AMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com