Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA18271HD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA18271HD
Description  Silicon Tuner IC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18271HD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA18271HD Datasheet HTML 7Page - NXP Semiconductors TDA18271HD Datasheet HTML 8Page - NXP Semiconductors TDA18271HD Datasheet HTML 9Page - NXP Semiconductors TDA18271HD Datasheet HTML 10Page - NXP Semiconductors TDA18271HD Datasheet HTML 11Page - NXP Semiconductors TDA18271HD Datasheet HTML 12Page - NXP Semiconductors TDA18271HD Datasheet HTML 13Page - NXP Semiconductors TDA18271HD Datasheet HTML 14Page - NXP Semiconductors TDA18271HD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
TDA18271HD_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 September 2008
11 of 69
NXP Semiconductors
TDA18271HD
Silicon Tuner IC
9.2 I2C-bus at power-on reset
Table 6.
I2C-bus at power-on reset
Name
Byte
Subaddress
7[1]
6[1]
5[1]
4[1]
3[1]
2[1]
1[1]
0[1]
Address byte 1
-
-
1
1
0
0
0
MA[1]
MA[0]
X
Address byte 2
-
-
X
X
AD[5]
AD[4]
AD[3]
AD[2]
AD[1]
AD[0]
ID byte
ID
00h
1
0
0
0
0
1
0
0
Thermo byte
TM
01h
1
0
0
0
X
X
X
X
Power level byte
PL
02h
X
X
X
X
X
X
X
X
Easy prog byte 1
EP1
03h
X
1
0
0
0
1
1
0
Easy prog byte 2
EP2
04h
1
1
0
1
1
1
1
1
Easy prog byte 3
EP3
05h
1
0
0
1
0
0
1
0
Easy prog byte 4
EP4
06h
0
1
1
0
0
0
0
0
Easy prog byte 5
EP5
07h
0
0
1
1
0
0
0
0
Cal post-divider byte
CPD
08h
0
0
0
0
0
0
0
0
Cal divider byte 1
CD1
09h
0
0
0
0
0
0
0
0
Cal divider byte 2
CD2
0Ah
0
0
0
0
0
0
0
0
Cal divider byte 3
CD3
0Bh
0
0
0
0
0
0
0
0
Main post-divider byte
MPD
0Ch
0
0
0
0
0
0
0
0
Main divider byte 1
MD1
0Dh
0
0
0
0
0
0
0
0
Main divider byte 2
MD2
0Eh
0
0
0
0
0
0
0
0
Main divider byte 3
MD3
0Fh
0
0
0
0
0
0
0
0
Extended byte 1
EB1
10h
1
1
1
1
1
1
1
1
Extended byte 2
EB2
11h
0
0
0
0
0
0
0
1
Extended byte 3
EB3
12h
1
0
0
0
0
1
0
0
Extended byte 4
EB4
13h
0
1
0
0
0
0
0
1
Extended byte 5
EB5
14h
0
0
0
0
0
0
0
1
Extended byte 6
EB6
15h
1
0
0
0
0
1
0
0
Extended byte 7
EB7
16h
0
1
0
0
1
0
0
0
Extended byte 8
EB8
17h
0
1
1
1
X
1
0
1
Extended byte 9
EB9
18h
0
0
0
0
0
0
0
0
Extended byte 10
EB10
19h
X
X
X
X
X
X
X
X
Extended byte 11
EB11
1Ah
1
0
0
0
0
1
1
0
Extended byte 12
EB12
1Bh
0
0
0
0
0
1
1
1
Extended byte 13
EB13
1Ch
1
1
0
0
0
0
1
0
Extended byte 14
EB14
1Dh
0
0
0
0
0
0
0
0
Extended byte 15
EB15
1Eh
1
0
0
0
X
X
X
X
Extended byte 16
EB16
1Fh
0
0
0
X
X
X
0
0
Extended byte 17
EB17
20h
0
0
0
X
X
X
X
X
Extended byte 18
EB18
21h
0
0
0
0
0
0
0
0
Extended byte 19
EB19
22h
0
0
0
X
X
X
0
0
Extended byte 20
EB20
23h
1
0
0
X
X
X
X
X


Similar Part No. - TDA18271HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
More results

Similar Description - TDA18271HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761664 TI-SN761664 Datasheet
454Kb / 22P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com