Electronic Components Datasheet Search |
|
TJA1041A Datasheet(PDF) 1 Page - NXP Semiconductors |
|
TJA1041A Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 25 page 1. General description The TJA1041A provides an advanced interface between the protocol controller and the physical bus in a Controller Area Network (CAN) node. The TJA1041A is primarily intended for automotive high-speed CAN applications (up to 1 Mbit/s). The transceiver provides differential transmit capability to the bus and differential receive capability to the CAN controller. The TJA1041A is fully compatible to the ISO 11898 standard, and offers excellent ElectroMagnetic Compatibility (EMC) performance, very low power consumption, and passive behavior when supply voltage is off. The advanced features include: • Low-power management, supporting local and remote wake-up with wake-up source recognition and the capability to control the power supply in the rest of the node • Several protection and diagnosis functions including short circuits of the bus lines and first battery connection • Automatic adaptation of the I/O-levels, in line with the supply voltage of the controller 2. Features 2.1 Optimized for in-vehicle high-speed communication I Fully compatible with the ISO 11898 standard I Communication speed up to 1 Mbit/s I Very low ElectroMagnetic Emission (EME) I Differential receiver with wide common-mode range, offering high ElectroMagnetic Immunity (EMI) I Passive behavior when supply voltage is off I Automatic I/O-level adaptation to the host controller supply voltage I Recessive bus DC voltage stabilization for further improvement of EME behavior I Listen-only mode for node diagnosis and failure containment I Allows implementation of large networks (more than 110 nodes) 2.2 Low-power management I Very low-current in Standby and Sleep mode, with local and remote wake-up I Capability to power down the entire node, still allowing local and remote wake-up I Wake-up source recognition 2.3 Protection and diagnosis (detection and signalling) I TXD dominant clamping handler with diagnosis TJA1041A High-speed CAN transceiver Rev. 04 — 29 July 2008 Product data sheet |
Similar Part No. - TJA1041A |
|
Similar Description - TJA1041A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |