Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2024P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UBA2024P
Description  Half-bridge power IC for CFL lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2024P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UBA2024P Datasheet HTML 3Page - NXP Semiconductors UBA2024P Datasheet HTML 4Page - NXP Semiconductors UBA2024P Datasheet HTML 5Page - NXP Semiconductors UBA2024P Datasheet HTML 6Page - NXP Semiconductors UBA2024P Datasheet HTML 7Page - NXP Semiconductors UBA2024P Datasheet HTML 8Page - NXP Semiconductors UBA2024P Datasheet HTML 9Page - NXP Semiconductors UBA2024P Datasheet HTML 10Page - NXP Semiconductors UBA2024P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UBA2024_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 October 2008
7 of 12
NXP Semiconductors
UBA2024
Half-bridge power IC for CFL lamps
9.
Thermal characteristics
[1]
In accordance with IEC 60747-1
10. Characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1]
95 K/W
Rth(j-c)
thermal resistance from junction
to case
in free air
[1]
16 K/W
Table 5.
Characteristics
Tj = 25 °C; all voltages are measured with respect to SGND; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage supply
VHV
high-voltage supply voltage
t
< 0.5 s; IHV < 30 mA
0
-
550
V
VFS
floating supply voltage
t
< 0.5 s; IHV < 30 mA
0
-
564
V
Low-voltage supply
VDD
low-voltage output supply
voltage
VHV = 100 V;
ROSC = ∞;VSW =VDD;
VRC =0V
11.7
12.5
13.3
V
Start-up state
IHV
high-voltage supply current
VHV = 100 V;
ROSC = ∞;VSW =VDD;
VRC =0V
-
-
0.39
mA
VDD(start)
start of oscillation voltage
10
11
12
V
VDD(stop)
stop of oscillation voltage
8
8.5
9
V
VDD(hys)
start-stop hysteresis voltage
2
2.5
3
V
Output stage
RHS(on)
HS transistor on-resistance
VHV = 310 V;
Id = 100 mA
-
9.7
11
RLS(on)
LS transistor on-resistance
Id = 100 mA
-
8.5
9.4
VHS(d)
HS body diode forward voltage
If = 200 mA
1.4
1.8
2.2
V
VLS(d)
LS body diode forward voltage
If = 200 mA
1.2
1.6
2.0
V
IHS(sat)
HS transistor saturation current
Vds =30V;
Tj ≤ 125 °C;
VHV = 310 V
900
-
-
mA
ILS(sat)
LS transistor saturation current
Vds =30V;
Tj ≤ 125 °C
900
-
-
mA
IO(max)
maximum output current
RMS value
-
-
220
mA
Vboot
bootstrap diode drop voltage
If = 1 mA
0.7
1.0
1.3
V
tno
non-overlap time
1
1.35
1.7
µs
VFS(lock)
floating supply lockout voltage
3.6
4.2
4.8
V
IFS
floating supply current
VHV = 310 V;
VFS = 12.2 V
10
14
18
µA


Similar Part No. - UBA2024P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024P NXP-UBA2024P Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2024P PHILIPS-UBA2024P Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
More results

Similar Description - UBA2024P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com