Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2036TS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UBA2036TS
Description  Full bridge control IC for HID automotive lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2036TS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UBA2036TS Datasheet HTML 3Page - NXP Semiconductors UBA2036TS Datasheet HTML 4Page - NXP Semiconductors UBA2036TS Datasheet HTML 5Page - NXP Semiconductors UBA2036TS Datasheet HTML 6Page - NXP Semiconductors UBA2036TS Datasheet HTML 7Page - NXP Semiconductors UBA2036TS Datasheet HTML 8Page - NXP Semiconductors UBA2036TS Datasheet HTML 9Page - NXP Semiconductors UBA2036TS Datasheet HTML 10Page - NXP Semiconductors UBA2036TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UBA2036TS_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
7 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
9.
Thermal characteristics
10. Characteristics
ESD
VESD
electrostatic discharge voltage
human body model
HV, VSS(CLK), VDD(CLK),CLK, FSL,
FSR, GHL, GHR, SHL, SHR
-
900
V
other pins
-
2
kV
machine model; all pins
-
200
V
charged device model; all pins
-
500
V
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured with respect to signal
ground (pin 14); positive currents flow into the chip. The voltage ratings are valid provided other ratings are not violated.
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
100
K/W
Table 6.
Characteristics
Tj = -40 °Cto125 °C; all voltages are measured with respect to signal ground (pin 14); currents are positive when flowing into
the IC, Unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage
Ileak
leakage current
pin HV; IHV (VHV = 565 V) − IHV
(VHV = 500 V)
-0
10
µA
pin FSL;
VFSL =VSHL =VGHL = 564 V
-0
5
µA
pin FSR;
VFSR =VSHR =VGHR = 564 V
-0
5
µA
pin VSS(CLK);
VSS(CLK) =Vclk = 450 V
-0
10
µA
pin VDD(CLK);
VDD(CLK) =Vclk = 464 V
-0
10
µA
Start-up via HV pin
II(HV)
input current on pin HV
VHV = 80 V
-
590
825
µA
Vstartup(HV)
start-up voltage on pin HV
11.3
13.2
14.7
V
VUVLO(HV)
undervoltage lockout voltage
on pin HV
8.6
10.7
12.2
V
Vhys
hysteresis voltage
2
2.5
3
V
VVDD
voltage on pin VDD
VHV = 20 V
10.5
12
13.5
V
Start-up via VDD pin
II(VDD)
input current on pin VDD
VVDD = 8.25 V
-
500
800
µA
Vstartup(VDD)
start-up voltage on pin VDD
8.25
9.0
9.75
V


Similar Part No. - UBA2036TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
   HF full bridge driver IC
2002 Oct 08
UBA2033TS PHILIPS-UBA2033TS Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
UBA2035 NXP-UBA2035 Datasheet
71Kb / 13P
   HF full bridge control IC for HID lighting
Rev. 01-31 October 2008
More results

Similar Description - UBA2036TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2035 NXP-UBA2035 Datasheet
71Kb / 13P
   HF full bridge control IC for HID lighting
Rev. 01-31 October 2008
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
logo
NXP Semiconductors
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
   High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
   Synchronous Phase Shift Full-Bridge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com