Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2540-XXXG Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN2540-XXXG
Description  25A SCRs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-XXXG Datasheet(HTML) 7 Page - STMicroelectronics

  TN2540-XXXG Datasheet HTML 1Page - STMicroelectronics TN2540-XXXG Datasheet HTML 2Page - STMicroelectronics TN2540-XXXG Datasheet HTML 3Page - STMicroelectronics TN2540-XXXG Datasheet HTML 4Page - STMicroelectronics TN2540-XXXG Datasheet HTML 5Page - STMicroelectronics TN2540-XXXG Datasheet HTML 6Page - STMicroelectronics TN2540-XXXG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TN25 and TYNx25 Series
7/7
PACKAGE MECHANICAL DATA
TO-220AB (Plastic)
M
B
l4
C
b2
a2
l2
c2
l3
b1
a1
A
F
L
I
e
c1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90
0.598
0.625
a1
3.75
0.147
a2
13.00
14.00
0.511
0.551
B
10.00
10.40
0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
I
3.75
3.85
0.147
0.151
I4
15.80
16.40
16.80
0.622
0.646
0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Isreal - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - TN2540-XXXG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
91Kb / 7P
   25A SCRS
TN2540-1000G-TR STMICROELECTRONICS-TN2540-1000G-TR Datasheet
93Kb / 7P
   25A SCRs
TN2540-1000G-TR STMICROELECTRONICS-TN2540-1000G-TR Datasheet
91Kb / 7P
   25A SCRS
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
   Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN2540-12G-TR STMICROELECTRONICS-TN2540-12G-TR Datasheet
216Kb / 10P
   Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
More results

Similar Description - TN2540-XXXG

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
   25A SCRs
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
   25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
   25A SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
   25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com