Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L55 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 2 Page - Cirrus Logic

  CS42L55 Datasheet HTML 1Page - Cirrus Logic CS42L55 Datasheet HTML 2Page - Cirrus Logic CS42L55 Datasheet HTML 3Page - Cirrus Logic CS42L55 Datasheet HTML 4Page - Cirrus Logic CS42L55 Datasheet HTML 5Page - Cirrus Logic CS42L55 Datasheet HTML 6Page - Cirrus Logic CS42L55 Datasheet HTML 7Page - Cirrus Logic CS42L55 Datasheet HTML 8Page - Cirrus Logic CS42L55 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
2
DS773F1
CS42L55
SYSTEM FEATURES
High Performance 24-bit Converters
Multi-bit Delta Sigma Architecture
Integrated High Efficient Power Management
Reduces Power Consumption
Step-Down Charge Pump Improves
Efficiency
Inverting Charge Pump Accommodates
Low System Voltage by Providing Negative
Rail for HP/Line Amp
LDO Reg. Provides Low Digital Supply
Voltage
Digital Power Reduction
Very Low Oversampling Rate for
Converters
Bursted Serial Clock Providing 24 Bits per
Sample
Power Down Management
ADC, DAC, CODEC, PGA, DSP
Analog & Digital Routing/Mixes
Line/Headphone Out = Analog In (ADC
Bypassed)
Line/Headphone Out = ADC Out
Internal Digital Loopback
Mono Mixes
I²C® Control Port
I²S Digital Interface Format
Flexible Clocking Options
Master or Slave Operation
High-Impedance Digital Output Select
(used for easy MUXing between CODEC
and other data sources)
8.000, 11.029, 12.000, 16.000, 22.059,
24.000, 32.000, 44.118 and 48.000 kHz
Sample Rates
APPLICATIONS
HDD & Flash-Based Portable Audio Players
MD Players/Recorders
PDAs
Personal Media Players
Portable Game Consoles
Digital Voice Recorders
Digital Camcorders
Digital Cameras
Smart Phones
GENERAL DESCRIPTION
The CS42L55 is a highly integrated, 24-bit, ultra-low
power stereo CODEC based on multi-bit delta-sigma
modulation. Both the ADC and DAC offer many features
suitable for low power portable system applications.
The analog input path allows independent channel
control of a variety of features. The Programmable Gain
Amplifier (PGA) provides analog gain with zero cross
transitions. The ADC path includes a digital volume at-
tenuator with soft ramp transitions and a programmable
ALC and noise gate monitor the input signals and adjust
the volume appropriately. An analog passthrough also
exists, accommodating a lower noise, lower power ana-
log in to analog out path to the headphone and line
amplifiers, bypassing the ADC and DAC.
The DAC output path includes a fixed-function digital
signal processing engine. Tone control provides bass
and treble adjustment at four selectable corner frequen-
cies. The digital mixer provides independent volume
control for both the ADC output and PCM input signal
paths, as well as a master volume control. Digital vol-
ume controls may be configured to change on soft ramp
transitions while the analog controls can be configured
to occur on every zero crossing. The DAC path also in-
cludes de-emphasis, limiting functions and a beep
generator delivering tones selectable across a range of
two full octaves.
The Class H stereo headphone amplifier combines the
efficiency of an integrated step-down and inverting
charge pump with the linearity and low EMI of a Class
AB amplifier. A step-down/inverting charge pump oper-
ates in two modes: +/-VCP mode or +/-(VCP/2) mode.
Based on the amplifier’s output signal, internal logic au-
tomatically adjusts the output of the charge pump,
+VHPFILT and –VHPFILT, to optimize efficiency. With
these features, the amplifier delivers a ground-centered
output with a large signal swing even at low voltages
and eliminates the need for external DC-blocking
capacitors.
These features make the CS42L55 the ideal solution for
portable applications that require extremely low power
consumption in a minimal amount of space.
The CS42L55 is available in a 36-pin QFN package for
the
Commercial
(-40°C
to
+85°C)
grade.
The
CDB42L55 Customer Demonstration board is also
available for device evaluation and implementation sug-
gestions. Please see “Ordering Information” on page 73
for complete details.


Similar Part No. - CS42L55

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L50-KN CIRRUS-CS42L50-KN Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
More results

Similar Description - CS42L55

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
   2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com