Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48DV2B Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 4Page - Cirrus Logic CS48DV2B Datasheet HTML 5Page - Cirrus Logic CS48DV2B Datasheet HTML 6Page - Cirrus Logic CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic CS48DV2B Datasheet HTML 10Page - Cirrus Logic CS48DV2B Datasheet HTML 11Page - Cirrus Logic CS48DV2B Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
8
Copyright 2008 Cirrus Logic
DS875F1
CONFIDENTIAL
modes are supported, with flexible start address and increment controls. The service intervals for
each DMA channel, as well as up to 6 interrupt events, are programmable.
4.2 On-chip DSP Peripherals
4.2.1 Digital Audio Input Port (DAI)
The DAI port supports a wide variety of data input formats at sample rates (Fs) as high as 192 kHz.
The port is capable of accepting PCM or DSD formats. Up to 32-bit word lengths are supported. DSD
is supported and internally converted to PCM before processing. The DAI also supports a time
division multiplexed (TDM) one-line data mode that packs multiple channels of PCM audio input on a
single data line. The total number of channels that are possible depends on the ratio of SCLK to
LRCLK.
The port has two independent slave-only clock domains. Each data input can be independently
assigned to a clock domain. The sample rate of the input clock domains can be determined
automatically by the DSP, off-loading the task of monitoring the SPDIF receiver from the host. A time-
stamping feature allows the input data to be sample-rate converted via software.
4.2.2 Digital Audio Output Port (DAO)
DAO port supports PCM resolutions of up to 32-bits. The port supports sample rates (Fs) as high as
192 kHz. The port can be configured as an independent clock domain mastered by the DSP, or as a
clock slave if an external MCLK or SCLK/LRCLK source is available. One of the serial audio pins can
be re-configured as a SPDIF transmitter that drives a bi-phase encoded S/PDIF signal (data with
embedded clock on a single line).
The DAO also supports a time division multiplexed (TDM) one-line data mode, that packs multiple
channels of PCM audio on a single data line.
4.2.3 Serial Control Port (I2C® or SPI™)
The on-chip serial control port is capable of operating as master or slave in either SPIor I2C®
modes. Master/Slave operation is chosen by mode select pins when the CS48DV2B comes out of
Reset. The serial clock pin can support frequencies as high as 25 MHz in SPI mode (SPI clock speed
must always be
≤ (Fdclk/2)). The CS48DV2B serial control port also includes a pin for flow control of
the communications interface (SCP_BSY) and a pin to indicate when the DSP has a message for the
host (SCP_IRQ).
4.2.4 GPIO
Many of the CS48DV2B peripheral pins are multiplexed with GPIO. Each GPIO can be configured as
an output, an input, or an input with interrupt. Each input-pin interrupt can be configured as rising
edge, falling edge, active-low, or active-high.
4.2.5 PLL-based Clock Generator
The low-jitter PLL generates integer or fractional multiples of a reference frequency which are used
to clock the DSP core and peripherals. Through a second PLL divider chain, a dependent clock
domain can be output on the DAO port for driving audio converters. The CS48DV2B defaults to
running from the external reference frequency and is switched to use the PLL output after overlays
have been loaded and configured, either through master boot from an external FLASH or through
host control. A built-in crystal oscillator circuit with a buffered output is provided. The buffered output
frequency ratio is selectable between 1:1 (default) or 2:1.


Similar Part No. - CS48DV2B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B-CQZ CIRRUS-CS48DV2B-CQZ Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B-DQZ CIRRUS-CS48DV2B-DQZ Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
More results

Similar Description - CS48DV2B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
logo
New Japan Radio
NJU26207 NJRC-NJU26207 Datasheet
188Kb / 9P
   Dolby Volume Decoder
logo
Cirrus Logic
CS48AU2B CIRRUS-CS48AU2B Datasheet
489Kb / 26P
   Dedicated 32-bit Audio DSP for Audyssey Laboratories Technology
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
   Dolby ADM digital audio decoder
March 19, 1992
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
Mitsubishi Electric Sem...
M65863FP MITSUBISHI-M65863FP Datasheet
459Kb / 36P
   Dolby Digital Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com