Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB43L22 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB43L22 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB43L22 Datasheet HTML 5Page - Cirrus Logic CDB43L22 Datasheet HTML 6Page - Cirrus Logic CDB43L22 Datasheet HTML 7Page - Cirrus Logic CDB43L22 Datasheet HTML 8Page - Cirrus Logic CDB43L22 Datasheet HTML 9Page - Cirrus Logic CDB43L22 Datasheet HTML 10Page - Cirrus Logic CDB43L22 Datasheet HTML 11Page - Cirrus Logic CDB43L22 Datasheet HTML 12Page - Cirrus Logic CDB43L22 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
DS792F1
9
CS43L22
Confidential Draft
10/7/08
2. TYPICAL CONNECTION DIAGRAM
Note 3
Note 2
Note 1
1 µF
+1.8 V to +2.5 V
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8 V to +3.3 V
SCL
SDA
RESET
2 k
LRCK
Digital Audio
Processor
MCLK
SCLK
VD
SDIN
CS43L22
2 k
+1.8 V to +2.5 V
HP/LINE_OUTB
HP/LINE_OUTA
AIN1A
Left 1
100 k
100
AIN1B
Right 1
0.1 µF
VA
Headphone Out
Left & Right
Line Level Out
Left & Right
FLYP
FLYN
-VHPFILT
51.1
0.022 µF
100 k
100
SPKR_OUTA+
SPKR_OUTA-
SPKR/HP
51.1
0.022 µF
1 µF
1 µF
0.1 µF
+VHP
1 µF
VQ
AGND
* Capacitors must be C0G or equivalent
1 µF
**
**
See Note 4
SPKR_OUTB+
SPKR_OUTB-
1 µF
VP
VP
+1.6 V to
+5 V
Stereo Speakers
AIN2A
Left 2
100 k
100
AIN2B
Right 2
100 k
100
1 µF
1 µF
0.1 µF
0.1 µF
Analog
Input 1
Analog
Input 2
10 µF
47 k
Notes:
1. Recommended values for the default charge pump switching
frequency. The required capacitance follows an inverse
relationship with the charge pump’s switching frequency. When
increasing the switching frequency, the capacitance may
decrease; when lowering the switching frequency, the
capacitance must increase.
2. Larger capacitance reduces the ripple on the internal
amplifier’s supply. This may reduce the distortion at higher
output power levels.
3. Additional bulk capacitance may be added to improve PSRR
at low frequencies.
4. Series resistance in the path of the power supplies must be
avoided. Any voltage drop on VHP will directly impact the
negative charge pump supply (-VHPFILT) and clip the audio
output.
AIN3A
Left 3
100 k
100
AIN3B
Right 3
100 k
100
1 µF
1 µF
Analog
Input 3
AIN4A
Left 4
100 k
100
AIN4B
Right 4
100 k
100
1 µF
1 µF
Analog
Input 4
FILT+
10 µF
AD0
150 pF
150 pF
AFILTA
AFILTB
** Low ESR, X7R/X5R dielectric capacitors.
**
**
**
**
**
**
**
**
*
*
TSTO
TSTO
Figure 1. Typical Connection Diagram


Similar Part No. - CDB43L22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB43L22 CIRRUS-CDB43L22 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

Similar Description - CDB43L22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
   2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com