Electronic Components Datasheet Search |
|
GM400.010A206 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG |
|
GM400.010A206 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG |
3 / 6 page www.baumerivo.com Absolute encoders - SSI 3 www.baumerivo.com www.baumerivo.com GM400, GM401 - SSI Shaft with clamping or synchro flange Optical multiturn encoders 14 bit ST / 12 bit MT SSI Circuit SSI-Clock Optocoupler SSI-Data Linedriver RS485 Control inputs Input circuit Input level High >0.7 UB Input level Low <0.3 UB Input resistance 10 kΩ Diagnostic outputs or Output circuit Incremental outputs Push-pull circuit-proof Output level High >UB -3.5 V (I = -20 mA) Output level Low <0.5 V (I = 20 mA) Load High <20 mA Load Low <20 mA Incremental outputs Linedriver RS422 Output level High >2.5 V (I = -20 mA) Output level Low <0.5 V (I = 20 mA) Load High <20 mA Load Low <20 mA Outputs Sine / Cosine Input level 1 Vpp ±10 % Load <10 mA Trigger level tv bit n bit n-1 tm bit 3 bit 2 bit 1 T=1/f clock data tp Clock frequency f 62.5...1500 kHz Scan ratio of T 40...60 % Time lag tv 150 ns Monoflop time tm 25 µs + T/2 Clock interval tp 30 µs Data transfer Accessories Connectors and cables (page %S) Z 130.001 Female connector M23, 12-pin, less cable Z 130.003 Female connector M23, 12-pin, 2 m cable Z 182.001 Female connector M23, 12-pin, less cable (incr.) Z 182.003 Female connector M23, 12-pin, 2 m (incr.) Mounting accessories for GM400 (page %S) Z 119.006 Eccentric fixing, single Z 119.013 Adaptor plate for clamping flange for modification into synchro flange Z 119.017 Mounting angle for clamping flange Mounting accessories for GM401 (page %S) Z 119.006 Eccentric fixing, single Z 119.015 Mounting adaptor for synchro flange Z 119.035 Bearing flange for encoders with synchro flange |
Similar Part No. - GM400.010A206 |
|
Similar Description - GM400.010A206 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |