Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2300-OTP Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS2300-OTP
Description  Fractional-N Clock Multiplier with Internal LCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-OTP Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS2300-OTP Datasheet HTML 7Page - Cirrus Logic CS2300-OTP Datasheet HTML 8Page - Cirrus Logic CS2300-OTP Datasheet HTML 9Page - Cirrus Logic CS2300-OTP Datasheet HTML 10Page - Cirrus Logic CS2300-OTP Datasheet HTML 11Page - Cirrus Logic CS2300-OTP Datasheet HTML 12Page - Cirrus Logic CS2300-OTP Datasheet HTML 13Page - Cirrus Logic CS2300-OTP Datasheet HTML 14Page - Cirrus Logic CS2300-OTP Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CS2300-OTP
DS844PP1
11
Regardless of the setting of the ClkSkipEn parameter the PLL output will continue for 223 LCO cycles
(518 ms to 634 ms) after CLK_IN is removed (see Figure 5). This is true as long as CLK_IN does not glitch
or have an effective change in period as the clock source is removed, otherwise the PLL will interpret this
as a change in frequency causing clock skipping and the 223 LCO cycle time-out to be bypassed and the
PLL to immediately unlock. If the prior conditions are met while CLK_IN is removed and 223 LCO cycles
pass, the PLL will unlock and the PLL_OUT state will be determined by the ClkOutUnl parameter; See
“PLL Clock Output” on page 16. If CLK_IN is re-applied after such time, the PLL will remain unlocked for
the specified time listed in the “AC Electrical Characteristics” on page 7 after which lock will be acquired
and the PLL output will resume.
f CLK_IN is removed and then reapplied within 223 LCO cycles but later than tCS, the ClkSkipEn param-
eter will have no effect and the PLL output will continue until CLK_IN is re-applied (see Figure 6). Once
CLK_IN is re-applied, the PLL will go unlocked only for the time it takes to acquire lock; the PLL_OUT
state will be determined by the ClkOutUnl parameter during this time.
If CLK_IN is removed and then re-applied within tCS, the ClkSkipEn parameter determines whether
PLL_OUT continues while the PLL re-acquires lock (see Figure 7). When ClkSkipEn is disabled and
CLK_IN is removed the PLL output will continue until CLK_IN is re-applied at which point the PLL will go
unlocked only for the time it takes to acquire lock; the PLL_OUT state will be determined by the ClkOutUnl
parameter during this time. When ClkSkipEn is enabled and CLK_IN is removed the PLL output clock will
Figure 5. CLK_IN removed for > 223 LCO cycles
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=0
Lock Time
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=1
Lock Time
= invalid clocks
223 LCO cycles
223 LCO cycles
Figure 6. CLK_IN removed for < 223 LCO cycles but > tCS
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=0
Lock Time
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=1
Lock Time
tCS
tCS
= invalid clocks
223 LCO cycles
223 LCO cycles


Similar Part No. - CS2300-OTP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP_09 Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
More results

Similar Description - CS2300-OTP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP_09 Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2300-03 CIRRUS-CS2300-03 Datasheet
91Kb / 3P
   1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com