Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3302-ISZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3302-ISZ
Description  High-Z, Programmable Gain, Differential Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302-ISZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS3302-ISZ Datasheet HTML 1Page - Cirrus Logic CS3302-ISZ Datasheet HTML 2Page - Cirrus Logic CS3302-ISZ Datasheet HTML 3Page - Cirrus Logic CS3302-ISZ Datasheet HTML 4Page - Cirrus Logic CS3302-ISZ Datasheet HTML 5Page - Cirrus Logic CS3302-ISZ Datasheet HTML 6Page - Cirrus Logic CS3302-ISZ Datasheet HTML 7Page - Cirrus Logic CS3302-ISZ Datasheet HTML 8Page - Cirrus Logic CS3302-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS3302
DS596F3
5
THERMAL CHARACTERISTICS
ANALOG CHARACTERISTICS
Notes: 4. Guaranteed by design and/or characterization.
5. Tested with a full scale input signal of 31.25 Hz.
6. Noise in the harmonic bins dominates THD and linearity measurements for x16, x32, and x64 gains.
Parameter
Symbol
CS3302
Unit
Min
Typ
Max
Allowable Junction Temperature
-
-
135
ºC
Junction to Ambient Thermal Impedance
ΘJA
-
65
-
ºC / W
Ambient Operating Temperature (Power Applied)
TA
-40
-
+85
ºC
Parameter
Symbol
CS3302
Unit
Min
Typ
Max
Noise Performance, Normal Power
Input Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-1
3
µVpp
Input Voltage Noise Density
f0 = 200 Hz to 2 kHz
VND
-8.5
12
Input Current Noise Density
(Note 4)IND
-20-
Noise Performance, Low Power (LPWR=1)
Input Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-1
3
µVpp
Input Voltage Noise Density
f0 = 200 Hz to 2 kHz
VND
-10
15
Input Current Noise Density
(Note 4)IND
-1
-
Distortion Performance, Normal Power
Total Harmonic Distortion
(Note 5, 6)
THD
-
-118
-112
dB
Linearity
(Note 5, 6)LIN
-
0.000126
0.000251
%
Distortion Performance, Low Power (LPWR=1)
Total Harmonic Distortion
(Note 5, 6)
THD
-
-118
-110
dB
Linearity
(Note 5, 6)LIN
-
0.000126
0.000316
%
nV/ Hz
fA/ Hz
nV/ Hz
fA/ Hz
CS3302 In-Band Noise
0
5
10
15
20
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Frequency (Hz)
CS3302 Wide Band Noise
0
50
100
150
200
250
300
0.1
1
10
100
1000
10000 100000 1E+06
Frequency (Hz)
Figure 1. CS3302 Noise Performance


Similar Part No. - CS3302-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302-IS CIRRUS-CS3302-IS Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
More results

Similar Description - CS3302-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Cirrus Logic
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Zilog, Inc.
ZGFI7101 ZILOG-ZGFI7101 Datasheet
671Kb / 14P
   High Gain Differential Amplifier
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
   High Speed PROGRAMMABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com