Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3302A-IS Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3302A-IS
Description  High-Z, Programmable Gain, Differential Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302A-IS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3302A-IS Datasheet HTML 7Page - Cirrus Logic CS3302A-IS Datasheet HTML 8Page - Cirrus Logic CS3302A-IS Datasheet HTML 9Page - Cirrus Logic CS3302A-IS Datasheet HTML 10Page - Cirrus Logic CS3302A-IS Datasheet HTML 11Page - Cirrus Logic CS3302A-IS Datasheet HTML 12Page - Cirrus Logic CS3302A-IS Datasheet HTML 13Page - Cirrus Logic CS3302A-IS Datasheet HTML 14Page - Cirrus Logic CS3302A-IS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS3302A
CS3302A
DS765PP1
DS765PP1
11
requires two series resistors and a differential capaci-
tor to create the modulator anti-alias RC filter.
2.1.3
Differential Signals
Analog signals into and out of the CS3302A are
differential, consisting of two halves with equal but
opposite magnitude varying about a common mode
voltage.
A full scale 5 Vpp differential signal centered on a
-0.15 V common mode can have:
SIG+ = -0.15 V + 1.25 V = 1.1 V
SIG- = -0.15 V - 1.25 V = -1.4 V
SIG+ is +2.5 V relative to SIG-
For the reverse case:
SIG+ = -0.15 V - 1.25 V = -1.4 V
SIG- = -0.15 V + 1.25 V = 1.1 V
SIG+ is -2.5 V relative to SIG-
The total swing for SIG+ relative to SIG- is
(+2.5 V) - (-2.5 V) = 5 Vpp. A similar calculation
can be done for SIG- relative to SIG+. Note that a
5Vpp differential signal centered on a -0.15 V
common mode voltage never exceeds 1.1 V and
never drops below -1.4 V on either half of the sig-
nal.
By definition, differential voltages are to be mea-
sured with respect to the opposite half, not relative
to ground. A multimeter differentially measuring
between SIG+ and SIG- in the above example
would properly read 1.767 Vrms, or 5 Vpp.
2.1.4
Guard Output
The GUARD pin outputs the common mode volt-
age of the currently selected analog signal input. It
can be used to drive the cable shield between a
high-impedance sensor and the amplifier inputs.
Driving the cable shield with the analog signal
common mode voltage minimizes leakage and im-
proves signal integrity from high-impedance sen-
sors.
The GUARD output is defined as the midpoint
voltage between the + and - halves of the currently
selected differential input signal, and will vary as
the signal common mode varies. The GUARD out-
put will not drive a significant load, it only pro-
vides a shielding voltage.
2.2
Digital Signals
2.2.1
Gain Selection
The CS3302A supports gain ranges of x1, x2, x4,
x8, x16, x32, and x64. They are selected using the
GAIN0, GAIN1, and GAIN2 pins as shown in
Table 1 on page 8.
∆Σ
Modulator
Test
DAC
Digital Filter
AMP
Differential
Sensor
M
U
X
µController
or
Configuration
EEPROM
System
Telemetry
CS3301A
CS3302A
CS5378
CS5373A
Figure 4. System Architecture


Similar Part No. - CS3302A-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3302 CIRRUS-CS3302 Datasheet
324Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
CS3302-IS CIRRUS-CS3302-IS Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3302-IS CIRRUS-CS3302-IS Datasheet
324Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
CS3302-ISZ CIRRUS-CS3302-ISZ Datasheet
324Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
More results

Similar Description - CS3302A-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Cirrus Logic
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Zilog, Inc.
ZGFI7101 ZILOG-ZGFI7101 Datasheet
671Kb / 14P
   High Gain Differential Amplifier
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
   High Speed PROGRAMMABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com