Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4335-KSZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4335-KSZ
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4335-KSZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4335-KSZ Datasheet HTML 3Page - Cirrus Logic CS4335-KSZ Datasheet HTML 4Page - Cirrus Logic CS4335-KSZ Datasheet HTML 5Page - Cirrus Logic CS4335-KSZ Datasheet HTML 6Page - Cirrus Logic CS4335-KSZ Datasheet HTML 7Page - Cirrus Logic CS4335-KSZ Datasheet HTML 8Page - Cirrus Logic CS4335-KSZ Datasheet HTML 9Page - Cirrus Logic CS4335-KSZ Datasheet HTML 10Page - Cirrus Logic CS4335-KSZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS248F5
7
Confidential Draft
3/11/08
CS4334/5/8/9
ANALOG CHARACTERISTICS (Continued)
Notes:
2.
Filter response is not tested but is guaranteed by design.
3.
Response is clock dependent and will scale with Fs. Note that the response plots (Figures 15-22) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
4.
For Base-Rate Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For High-Rate Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
5.
De-emphasis is not available in High-Rate Mode.
6.
Refer to Figure 3.
Parameter
Base-Rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response (Note 2)
Passband
(Note 3)
to -0.05 dB corner
to -0.1 dB corner
to -3 dB corner
0
-
0
-
-
-
.4780
-
.4996
-
0
0
-
-
-
-
.4650
.4982
Fs
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.01
-
+.08
-.05
-
+.2
dB
Passband Ripple
-
-
±.08
-
-
±.2
dB
StopBand
.5465
-
-
.5770
-
-
Fs
StopBand Attenuation
(Note 4)
50
-
-
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
-
4/Fs
-
s
Passband Group Delay Deviation
0 - 40 kHz
0 - 20 kHz
-
±0.36/Fs
-
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s
De-emphasis Error
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+1.5/+0
+.05/-.25
-.2/-.4
(Note 5)
dB
dB
dB
Parameters
Symbol
Min
Typ
Max
Units
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.4
dB
Gain Error
-±5-
%
Gain Drift
-
100
-
ppm/°C
Analog Output
Full Scale Output Voltage
3.25
3.5
3.75
Vpp
Quiescent Voltage
VQ
-2.2
-
VDC
Max AC-Load Resistance
(Note 6)
RL
-3-
k
Max Load Capacitance
(Note 6)
CL
-
100
-
pF


Similar Part No. - CS4335-KSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4335-KSZ CIRRUS-CS4335-KSZ Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Similar Description - CS4335-KSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com