Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4350-CZZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4350-CZZ
Description  192 kHz Stereo DAC with Integrated PLL
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350-CZZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS4350-CZZ Datasheet HTML 1Page - Cirrus Logic CS4350-CZZ Datasheet HTML 2Page - Cirrus Logic CS4350-CZZ Datasheet HTML 3Page - Cirrus Logic CS4350-CZZ Datasheet HTML 4Page - Cirrus Logic CS4350-CZZ Datasheet HTML 5Page - Cirrus Logic CS4350-CZZ Datasheet HTML 6Page - Cirrus Logic CS4350-CZZ Datasheet HTML 7Page - Cirrus Logic CS4350-CZZ Datasheet HTML 8Page - Cirrus Logic CS4350-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
DS691F1
CS4350
8.2.2 De-Emphasis Control (DEM[1:0]) Bits 3-2 ........................................................................... 30
8.2.3 Functional Mode (FM[1:0]) Bits 1-0...................................................................................... 30
8.3 Volume Mixing and Inversion Control - Register 03h .................................................................... 30
8.3.1 Channel A Volume = Channel B Volume (VOLB=A) Bit 7 ................................................... 30
8.3.2 Invert Signal Polarity (INVERT_A) Bit 6 ............................................................................... 30
8.3.3 Invert Signal Polarity (INVERT_B) Bit 5 ............................................................................... 31
8.3.4 ATAPI Channel Mixing and Muting (ATAPI[3:0]) Bits 3-0 .................................................... 31
8.4 Mute Control - Register 04h ......................................................................................................... 32
8.4.1 Auto-Mute (AMUTE) Bit 7 .................................................................................................... 32
8.4.2 AMUTEC = BMUTEC (MUTEC A=B) Bit 5 .......................................................................... 32
8.4.3 Channel A Mute (MUTE_A) Bit 4 & Channel B Mute (MUTE_B) Bit 3................................. 32
8.5 Channel A & B Volume Control - Register 05h & 06h ................................................................... 33
8.6 Ramp and Filter Control - Register 07h ......................................................................................... 33
8.6.1 Soft Ramp and Zero Cross Control (SZC[1:0]) Bits 7-6 ....................................................... 33
8.6.2 Soft Volume Ramp-Up after Error (RMP_UP) Bit 5 ............................................................. 34
8.6.3 Soft Ramp-Down before Filter Mode Change (RMP_DN) Bit 4 ........................................... 34
8.6.4 Interpolation Filter Select (FILT_SEL) Bit 2.......................................................................... 34
8.7 Misc. Control - Register 08h .......................................................................................................... 34
8.7.1 Power Down (PDN) Bit 7...................................................................................................... 34
8.7.2 Freeze Controls (FREEZE) Bit 5.......................................................................................... 35
8.7.3 Popguard Enable (POPG_EN) Bit 4 .................................................................................... 35
8.7.4 RMCK control (RMCK_CTRL[1:0]) Bits 3:2 ......................................................................... 35
8.7.5 RMCK Ratio Select (R_SELECT[1:0]) Bits 2:1 .................................................................... 35
9. FILTER PLOTS
.................................................................................................................................. 36
10. PARAMETER DEFINITIONS............................................................................................................... 38
11. PACKAGE DIMENSIONS ................................................................................................................... 39
THERMAL CHARACTERISTICS ............................................................................................................... 39
12. ORDERING INFORMATION ............................................................................................................... 40
13. REVISION HISTORY .......................................................................................................................... 40


Similar Part No. - CS4350-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
More results

Similar Description - CS4350-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
527Kb / 28P
   8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
logo
Cirrus Logic
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com