Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4353 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4353
Description  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4353 Datasheet HTML 1Page - Cirrus Logic CS4353 Datasheet HTML 2Page - Cirrus Logic CS4353 Datasheet HTML 3Page - Cirrus Logic CS4353 Datasheet HTML 4Page - Cirrus Logic CS4353 Datasheet HTML 5Page - Cirrus Logic CS4353 Datasheet HTML 6Page - Cirrus Logic CS4353 Datasheet HTML 7Page - Cirrus Logic CS4353 Datasheet HTML 8Page - Cirrus Logic CS4353 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DS803PP1
5
CS4353
VA
17
Low Voltage Analog Power (Input) - Positive power supply for the analog section.
VBIAS
18
Positive Voltage Reference (Output) - Positive reference voltage for the internal DAC.
RESET
19
Reset (Input) - Optional connection for an external reset control. The device enters a powered-down
state when this pin is set low (GND) OR when the VCP supply falls below the Voff threshold (see
Table 1). This pin should be set high (VL) during normal operation.
1_2VRMS
20
1 or 2 VRMS Select (Input) - Selects the analog output full-scale voltage. Setting this pin low (GND)
selects 1 VRMS, while setting it high (VL) selects 2 VRMS.
DEM
21
De-emphasis (Input) - Selects the standard 50
µs/15 µs digital de-emphasis filter response for 44.1 kHz
sample rates when enabled.
I²S/LJ
22
Digital Interface Format (Input) - Selects the serial audio interface format. Setting this pin low (GND)
selects I²S, while setting it high (VL) selects Left-Justified.
LRCK
23
Left / Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line.
SDIN
24
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
Thermal Pad
-
Thermal Relief Pad - This pad may be soldered to the board, however it MUST be electrically isolated
from all board connections.


Similar Part No. - CS4353

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Similar Description - CS4353

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com