Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4361 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4361
Description  20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4361_08 Datasheet HTML 5Page - Cirrus Logic CS4361_08 Datasheet HTML 6Page - Cirrus Logic CS4361_08 Datasheet HTML 7Page - Cirrus Logic CS4361_08 Datasheet HTML 8Page - Cirrus Logic CS4361_08 Datasheet HTML 9Page - Cirrus Logic CS4361_08 Datasheet HTML 10Page - Cirrus Logic CS4361_08 Datasheet HTML 11Page - Cirrus Logic CS4361_08 Datasheet HTML 12Page - Cirrus Logic CS4361_08 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
CS4361
Confidential Draft
2/12/08
SWITCHING CHARACTERISTICS - SERIAL AUDIO INTERFACE
11. Not all sample rates are supported for all clock ratios. See table “Common Clock Frequencies” on
page 12 for supported ratios and frequencies.
12. In Internal SCLK Mode, the duty cycle must be 50%
± 1/2 MCLK period.
13. The SCLK / LRCK ratio may be either 32, 48, 64, or 72. This ratio depends on data format and
MCLK/LRCK ratio. (See Figures 7-10)
Parameters
Symbol
Min
Typ
Max
Units
MCLK Frequency
0.512
-
50
MHz
MCLK Duty Cycle
45
-
55
%
Input Sample Rate
All MCLK/LRCK ratios combined
(Note 11)
256x, 384x, 1024x
256x, 384x
512x, 768x
1152x
128x, 192x
64x, 96x
128x, 192x
Fs
2
2
84
42
30
50
100
168
216
54
134
67
34
108
216
216
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
External SCLK Mode
LRCK Duty Cycle (External SCLK only)
45
50
55
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Duty Cycle
45
50
55
%
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
-
ns
Internal SCLK Mode
LRCK Duty Cycle (Internal SCLK only)
(Note 12)
-50
-
%
SCLK Period
(Note 13)
tsclkw
--
ns
SCLK rising to LRCK edge
tsclkr
--
µs
SDIN valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDIN hold time
MCLK / LRCK =1152, 1024, 512, 256, 128, or 64
tsdh
--
ns
SCLK rising to SDIN hold time
MCLK / LRCK = 768, 384, 192, or 96
tsdh
--
ns
109
SCLK
----------------
tsclkw
2
------------------
109
512
()Fs
----------------------10
+
109
512
()Fs
----------------------15
+
109
384
()Fs
----------------------15
+


Similar Part No. - CS4361_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361-DZZ CIRRUS-CS4361-DZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
More results

Similar Description - CS4361_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com