Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4365-CQZR Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4365-CQZR
Description  114 dB, 192 kHz 6-Channel D/A Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365-CQZR Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4365-CQZR Datasheet HTML 5Page - Cirrus Logic CS4365-CQZR Datasheet HTML 6Page - Cirrus Logic CS4365-CQZR Datasheet HTML 7Page - Cirrus Logic CS4365-CQZR Datasheet HTML 8Page - Cirrus Logic CS4365-CQZR Datasheet HTML 9Page - Cirrus Logic CS4365-CQZR Datasheet HTML 10Page - Cirrus Logic CS4365-CQZR Datasheet HTML 11Page - Cirrus Logic CS4365-CQZR Datasheet HTML 12Page - Cirrus Logic CS4365-CQZR Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
DS670F2
9
CS4365
DAC ANALOG CHARACTERISTICS - COMMERCIAL (-CQZ)
Test Conditions (unless otherwise specified): VA = VLS = VLC = 5 V; VD = 2.5 V; TA = 25°C; Full-scale 997 Hz
input sine wave (Note 1); Tested under max ac-load resistance
; Valid with FILT+ and VQ capacitors as shown in
“Typical Connection Diagram” on page 19; Measurement Bandwidth 10 Hz to 20 kHz.
Notes:
1.
One-half LSB of triangular PDF dither is added to data.
2.
Performance limited by 16-bit quantization noise.
3.
VFS is tested under load RL and includes attenuation due to ZOUT.
Parameters
Symbol
Min
Typ
Max
Unit
Fs = 48 kHz, 96 kHz, 192 kHz and DSD
Dynamic Range
24-bit
A-weighted
unweighted
16-bit
A-weighted
(Note 2) unweighted
108
105
-
-
114
111
97
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
(Note 2) 16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-94
-
-45
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
A-weighted
-
114
-
dB
Interchannel Isolation
(1 kHz)
-
110
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°
C
Analog Output
Full-Scale Differential-
PCM, DSD processor
Output Voltage (Note 3)
Direct DSD Mode
VFS
1.28•VA
0.90•VA
1.32•VA
0.94•VA
1.36•VA
0.98•VA
Vpp
Vpp
Output Impedance
ZOUT
-
130
-
Ω
Max DC Current draw from an AOUT pin
IOUTmax
-1.0
-
mA
Min AC-Load Resistance
RL
-3
-
k
Ω
Max Load Capacitance
CL
-
100
-
pF
Quiescent Voltage
VQ
-
50% VA
-VDC
Max Current draw from VQ
IQMAX
-10
-
μA


Similar Part No. - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Similar Description - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com