Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4384-CQZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4384-CQZ
Description  103 dB, 192 kHz 8-Channel D/A Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384-CQZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4384-CQZ Datasheet HTML 3Page - Cirrus Logic CS4384-CQZ Datasheet HTML 4Page - Cirrus Logic CS4384-CQZ Datasheet HTML 5Page - Cirrus Logic CS4384-CQZ Datasheet HTML 6Page - Cirrus Logic CS4384-CQZ Datasheet HTML 7Page - Cirrus Logic CS4384-CQZ Datasheet HTML 8Page - Cirrus Logic CS4384-CQZ Datasheet HTML 9Page - Cirrus Logic CS4384-CQZ Datasheet HTML 10Page - Cirrus Logic CS4384-CQZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
DS620F1
7
CS4384
AOUT1
AOUT2
AOUT3
AOUT4
AOUT5
AOUT6
AOUT7
AOUT8
39
38
35
34
29
28
25
24
Analog Output (Output) - The full scale analog output level is specified in the Analog Characteris-
tics specification table.
VA
32
Analog Power (Input) - Positive power supply for the analog section. Refer to the Recommended
Operating Conditions for appropriate voltages.
VLS
43
Serial Audio Interface Power (Input) - Determines the required signal level for the serial audio
interface. Refer to the Recommended Operating Conditions for appropriate voltages.
TST_OUT
23, 26
27, 30
33, 36
37, 40
Test Output - These pins need to be floating and not connected to any trace or plane.
Hardware Mode Definitions
M0
M1
M2
M3
M4
17
16
15
12
10
Mode Selection (Input) - Determines the operational mode of the device as detailed in Tables 4
and 5.
Software Mode Definitions
SCL/CCLK
15
Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an external
pull-up resistor to the logic interface voltage in I²C® mode as shown in the Typical Connection Dia-
gram.
SDA/CDIN
16
Serial Control Port Data (Input/Output) - SDA is a data I/O line in I²C mode and is open drain,
requiring an external pull-up resistor to the logic interface voltage, as shown in the Typical Con-
nection Diagram; CDIN is the input data line for the control port interface in SPImode.
AD0/CS
17
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C
mode; CS is the chip select signal for SPI mode.
TST
10
12
Test - These pins need to be tied to analog ground.
DSD Definitions
DSD1, DSD2
DSD3, DSD4
DSD5, DSD6
DSD7, DSD8
3, 2
1, 48
47,46
45, 44
Direct Stream Digital Input (Input) - Input for Direct Stream Digital serial audio data.
DSD_SCLK
42
DSD Serial Clock (Input) - Serial clock for the Direct Stream Digital serial audio interface.
Pin Name
#
Pin Description


Similar Part No. - CS4384-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4384-CQZ CIRRUS-CS4384-CQZ Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
CS4384-CQZR CIRRUS-CS4384-CQZR Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
More results

Similar Description - CS4384-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4384 CIRRUS-CS4384 Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com