Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5521 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5521_08 Datasheet HTML 7Page - Cirrus Logic CS5521_08 Datasheet HTML 8Page - Cirrus Logic CS5521_08 Datasheet HTML 9Page - Cirrus Logic CS5521_08 Datasheet HTML 10Page - Cirrus Logic CS5521_08 Datasheet HTML 11Page - Cirrus Logic CS5521_08 Datasheet HTML 12Page - Cirrus Logic CS5521_08 Datasheet HTML 13Page - Cirrus Logic CS5521_08 Datasheet HTML 14Page - Cirrus Logic CS5521_08 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CS5521/22/23/24/28
DS317F6
11
SWITCHING CHARACTERISTICS (T
A = 25° C; VA+ = 5 V ±5%; VD+ = 3.0 V ±10% or 5 V ±5%;
Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50 pF.))
Notes: 25. Device parameters are specified with a 32.768 kHz clock; however, clocks up to 200 kHz
(CS5522/24/28) or 130 kHz (CS5521/23) can be used for increased throughput.
26. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF.
27. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an
external clock source.
28. Applicable when SCLK is continuously running.
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 25)
External Clock or Internal Oscillator (CS5522/24/28)
(CS5521/23)
XIN
30
30
32.768
32.768
200
130
kHz
kHz
Master Clock Duty Cycle
40
-
60
%
Rise Times
(Note 26)
Any Digital Input Except SCLK
SCLK
Any Digital Output
trise
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Fall Times
(Note 26)
Any Digital Input Except SCLK
SCLK
Any Digital Output
tfall
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Start-up
Oscillator Start-up Time
XTAL = 32.768 kHz
(Note 27)
tost
-500
-
ms
Serial Port Timing
Serial Clock Frequency
SCLK
0
-
2
MHz
SCLK Falling to CS Falling for continuous running SCLK
(Note 28)
t0
100
-
-
ns
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
250
250
-
-
-
-
ns
ns
SDI Write Timing
CS Enable to Valid Latch Clock
t3
50
-
-
ns
Data Set-up Time prior to SCLK rising
t4
50
-
-
ns
Data Hold Time After SCLK Rising
t5
100
-
-
ns
SCLK Falling Prior to CS Disable
t6
100
-
-
ns
SDO Read Timing
CS to Data Valid
t7
--
150
ns
SCLK Falling to New Data Bit
t8
--
150
ns
CS Rising to SDO Hi-Z
t9
--
150
ns


Similar Part No. - CS5521_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
More results

Similar Description - CS5521_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
   16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
   24-bit ?誇 ADCs with Ultra-low-noise PGIA
logo
Linear Technology
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com