Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5528 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5528
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5528 Datasheet HTML 2Page - Cirrus Logic CS5528 Datasheet HTML 3Page - Cirrus Logic CS5528 Datasheet HTML 4Page - Cirrus Logic CS5528 Datasheet HTML 5Page - Cirrus Logic CS5528 Datasheet HTML 6Page - Cirrus Logic CS5528 Datasheet HTML 7Page - Cirrus Logic CS5528 Datasheet HTML 8Page - Cirrus Logic CS5528 Datasheet HTML 9Page - Cirrus Logic CS5528 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
CS5521/22/23/24/28
6
DS317F6
ANALOG CHARACTERISTICS (Continued)
Notes: 7. For the CS5528, the 25 mV, 55 mV and 100 mV ranges cannot be used unless NBV is powered at -1.8
to -2.5 V
8. See the section of the data sheet which discusses input models. Chop clock is 256 Hz (XIN/128) for
PGIA (programmable gain instrumentation amplifier). XIN = 32.768 kHz.
9. The maximum full scale signal can be limited by saturation of circuitry within the internal signal path.
Parameter
Min
Typ
Max
Unit
Analog Input
Common Mode + Signal on AIN+ or AIN-
Bipolar/Unipolar Mode
NBV = -1.8 to -2.5 V
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
NBV = AGND
Range = 25 mV, 55 mV, or 100 mV
(Note 7)
Range = 1 V, 2.5 V, or 5 V
-0.150
NBV
1.85
0.0
-
-
-
-
0.950
VA+
2.65
VA+
V
V
V
V
CVF Current on AIN+ or AIN-
(Note 8)
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
-
-
100
10
300
-
pA
nA
Input Current Drift
(Note 8)
Range = 25 mV, 55 mV, or 100 mV
-
1
-
pA/°C
Input Leakage for Multiplexer when Off
-
10
-
pA
Common Mode Rejection
dc
50, 60 Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
10
-
pF
Voltage Reference Input
Range
(VREF+) - (VREF-)
1
2.5
VA+
V
VREF+
(VREF-)+1
-VA+
V
VREF-
NBV
-
(VREF+)-1
V
CVF Current
(Note 8)
-
5.0
-
nA
Common Mode Rejection
dc
50, 60 Hz
-
-
110
130
-
-
dB
dB
Input Capacitance
-
16
-
pF
System Calibration Specifications
Full Scale Calibration Range (VREF = 2.5V)
Bipolar/Unipolar Mode
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
10
25
40
0.40
1.0
2.0
-
-
-
-
-
-
32.5
71.5
105
1.30
3.25
VA+
mV
mV
mV
V
V
V
Offset Calibration Range
Bipolar/Unipolar Mode
25 mV
55 mV
100 mV
(Note 9)
1 V
2.5 V
5 V
-
-
-
-
-
-
-
-
-
-
-
-
±12.5
±27.5
±50
±0.5
±1.25
±2.50
mV
mV
mV
V
V
V


Similar Part No. - CS5528

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5528 CIRRUS-CS5528 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5528-AP CIRRUS-CS5528-AP Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5528-AS CIRRUS-CS5528-AS Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5528-ASZ CIRRUS-CS5528-ASZ Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
More results

Similar Description - CS5528

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
   16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
   24-bit ?誇 ADCs with Ultra-low-noise PGIA
logo
Linear Technology
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com