Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA776IN Datasheet(PDF) 2 Page - STMicroelectronics

Part # UA776IN
Description  PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA776IN Datasheet(HTML) 2 Page - STMicroelectronics

  UA776IN Datasheet HTML 1Page - STMicroelectronics UA776IN Datasheet HTML 2Page - STMicroelectronics UA776IN Datasheet HTML 3Page - STMicroelectronics UA776IN Datasheet HTML 4Page - STMicroelectronics UA776IN Datasheet HTML 5Page - STMicroelectronics UA776IN Datasheet HTML 6Page - STMicroelectronics UA776IN Datasheet HTML 7Page - STMicroelectronics UA776IN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
UA776M
UA776I
UA776C
Unit
Vcc
Supply Voltage
±18
V
Vid
Differential Input Voltage
±30
V
Vi
Input Voltage - (note 1)
±15
V
Ptot
Power Dissipation
500
310
310
mW
Output Short-circuit Duration
Infinite
Toper
Operating Free Air Temperature Range
-55 to +125
-40 to +105
0 to +70
oC
Tstg
Storage Temperature Range
-65 to +150
-65 to +150
-65 to +150
oC
Note : 1. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
SCHEMATIC DIAGRAM
UA776
2/8


Similar Part No. - UA776IN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UA776 ETC1-UA776 Datasheet
513Kb / 10P
   PROGRAMMABLE SINGLE OP-AMPs
UA776C ETC1-UA776C Datasheet
513Kb / 10P
   PROGRAMMABLE SINGLE OP-AMPs
UA776M ETC1-UA776M Datasheet
513Kb / 10P
   PROGRAMMABLE SINGLE OP-AMPs
More results

Similar Description - UA776IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
616Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS271C STMICROELECTRONICS-TS271C Datasheet
168Kb / 15P
   PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
MC33171-MC35171 STMICROELECTRONICS-MC33171-MC35171 Datasheet
50Kb / 5P
   LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
logo
Texas Instruments
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com