Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42436-CMZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42436-CMZ
Description  108 dB, 192 kHz 6-In, 6-Out TDM CODEC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436-CMZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42436-CMZ Datasheet HTML 5Page - Cirrus Logic CS42436-CMZ Datasheet HTML 6Page - Cirrus Logic CS42436-CMZ Datasheet HTML 7Page - Cirrus Logic CS42436-CMZ Datasheet HTML 8Page - Cirrus Logic CS42436-CMZ Datasheet HTML 9Page - Cirrus Logic CS42436-CMZ Datasheet HTML 10Page - Cirrus Logic CS42436-CMZ Datasheet HTML 11Page - Cirrus Logic CS42436-CMZ Datasheet HTML 12Page - Cirrus Logic CS42436-CMZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
DS647F2
9
CS42436
2. PIN DESCRIPTIONS - HARDWARE MODE
Pin Name
#
Pin Description
AIN5_MUX
AIN6_MUX
1
2
Analog Input Multiplexer
(Input) - Allows selection between the A and B single-ended inputs of
ADC3.
MFREQ
3
MCLK Frequency (Input) - Sets the required frequency range of the input Master Clock.
ADC3_HPF
4
ADC3 High-Pass Filter Freeze (Input) - When this pin is driven high, the internal high-pass filter
will be disabled for ADC3.The current DC offset value will be frozen and continue to be subtracted
from the conversion result.
RST
5
Reset (Input) - The device enters a low-power mode and all internal registers are reset to their
default settings when low.
VLC
6
Control Port Power (Input) - Determines the required signal level for the control port interface.
See “Digital I/O Pin Characteristics” on page 8.
FS
7
Frame Sync (Input) - Signals the start of a new TDM frame in the TDM digital interface format.
VD
8
Digital Power (Input) - Positive power supply for the digital section.
DGND
9,18
Digital Ground (Input) - Ground reference for the digital section.
VLS
10
Serial Port Interface Power (Input) - Determines the required signal level for the serial port inter-
faces. See “Digital I/O Pin Characteristics” on page 8.
SCLK
11
Serial Clock (Input) - Serial clock for the serial audio interface. Input frequency must be 256 x Fs.
MCLK
12
Master Clock (Input) - Clock source for the delta-sigma modulators and digital filters.
ADC_SDOUT
ADC_SINGLE
13
Serial Audio Data Output (Output) - TDM output for two’s complement serial audio data. Start-up
Option for Hardware Mode: Pull-up to VLS enables Single-Ended Mode for AIN5-AIN6.
DAC_SDIN
14
DAC Serial Audio Data Input (Input) - TDM Input for two’s complement serial audio data.
AIN5_MUX
6
2
4
8
10
1
3
5
7
9
11
12
14 15 16 17 18 19 20 21 22 23 24 25
37
35
31
29
38
36
34
30
28
27
52 51 50 49 48 47 46 45 44 43 42 41
VLS
FS
MCLK
VLC
ADC3_HPF
TSTO
AOUT5+
AGND
VA
ADC_SDOUT/
ADC3_SINGLE
MFREQ
RST
AOUT6+
DGND
VD
SCLK
VQ
AOUT6-
13
AIN6_MUX
26
39
AOUT5-
40
TSTO
TSTO
TSTO
AIN1+
AIN1-
33
32
CS42436


Similar Part No. - CS42436-CMZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42436-CMZ CIRRUS-CS42436-CMZ Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436-CMZ CIRRUS-CS42436-CMZ Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436-CMZR CIRRUS-CS42436-CMZR Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436-CMZR CIRRUS-CS42436-CMZR Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
More results

Similar Description - CS42436-CMZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42432 CIRRUS-CS42432_07 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com