Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90SC9608RT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90SC9608RT
Description  Secure Microcontroller for Smart Cards
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SC9608RT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90SC9608RT Datasheet HTML 1Page - ATMEL Corporation AT90SC9608RT Datasheet HTML 2Page - ATMEL Corporation AT90SC9608RT Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AT90SC9608RT
6554AS–SPD–15May07
Development Tools
Voyager Emulation Platform (ATV4) to Support Software Development
IAR Embedded Workbench® V3.20 Debugger or Atmel’s AVR Studio® Version 4.07 or Above
Software Libraries and Application Notes
Description
The AT90SC9608RT is a low-power, high-performance, 8/16-bit microcontroller with ROM program memory and EEPROM
data memory, based on the secureAVR RISC architecture. By executing powerful instructions in a single clock cycle, the
AT90SC9608RT achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general purpose
working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruc-
tion executed in one clock cycle.
The AT90SC9608RT uses the secureAVR that allows the linear addressing of up to 8M bytes of code and up to 16M bytes
of data as well as a number of new functional and security features.
The AT90SC9608RT includes 8K bytes of Atmel’s high density, non volatile memory.
Additional security features include power and frequency protection logic, logical scrambling on program data and
addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode.
Figure 1 shows the AT90SC9608RT secureAVR RISC Architecture.
Figure 1. AT90SC9608RT secureAVR RISC Architecture
Instruction
Decoder
Program
Memory
Instruction
Register
Access
Control
General
Purpose
Registers
X
Y
Z
Status
Register
RAM
Data Memory
Interrupt
Unit
ISO 7816
I/O Port 0
Timer
Control
Lines
ALU
EEPROM
User Memory
OTP
PC
Secure
Control
VCC
GND
CLK
Access
Control
IN/OUT0
Data Bus
8-bit
RNG
16
16
16
8
88
DES
DPA Counter
measures
Reset
Circuit
RST
ISO 7816
Controller
CRCand
Checksum
Accelerator


Similar Part No. - AT90SC9608RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC9608RT ATMEL-AT90SC9608RT Datasheet
53Kb / 3P
   Secure Microcontroller for Smart Cards
More results

Similar Description - AT90SC9608RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC12036RU ATMEL-AT90SC12036RU Datasheet
61Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC6436RT ATMEL-AT90SC6436RT Datasheet
439Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC256144RCFT ATMEL-AT90SC256144RCFT Datasheet
74Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT_06 Datasheet
46Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC19236RU ATMEL-AT90SC19236RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com