Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT572D940HF-CL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT572D940HF-CL
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT572D940HF-CL Datasheet HTML 7Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 8Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 9Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 10Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
7010AS–DSP–07/07
AT572D940HF Preliminary
SPI
SPI1_MOSI
SPI 1 Master Out/Slave In data
bi-03
through PIO line
SPI SLV ! data input
SPI MST ! data output
SPI
SPI1_MISO
SPI 1 Master In/Slave Out data
bi-03
through PIO line
SPI SLV ! data output
SPI MST ! data input
SPI
SPI1_NCS0
SPI 1 Input/Output Chip select
out-03
low
through PIO line
SPI SLV ! CS Input
SPI MST ! CS 0 Output
SPI
SPI1_NCS1 -
SPI1_NCS3
SPI 1 Output Chip Selects
bi-03
low
output through PIO line
SPI SLV ! n.a.
SPI MST ! CS 3, 2, 1 Outputs
SPI
SPI1_CK
SPI 1 Serial clock
bi-03
through PIO line
SPI SLV ! clock input
SPI MST ! clock output
SSC
SSC0_TXD
Synchronous Serial Controller 0
Data Out
bi-03
output through PIO line
SSC
SSC0_RXD
Synchronous Serial Controller 0
Data In
bi-03
input through PIO line
SSC
SSC0_TF
Synchronous Serial Controller 0
Transmit Frame Clock
bi-03
through PIO line
SSC
SSC0_RF
Synchronous Serial Controller 0
Receive Frame Clock
bi-03
through PIO line
SSC
SSC0_TK
Synchronous Serial Controller 0
Transmit Bit Clock
bi-03
through PIO line
SSC
SSC0_RK
Synchronous Serial Controller 0
Receive Bit Clock
bi-03
through PIO line
SSC
SSC1_TXD
Synchronous Serial Controller 1
Data Out
bi-03
output through PIO line
SSC
SSC1_RXD
Synchronous Serial Controller 1
Data In
bi-03
input through PIO line
SSC
SSC1_TF
Synchronous Serial Controller 1
Transmit Frame Clock
bi-03
through PIO line
SSC
SSC1_RF
Synchronous Serial Controller 1
Receive Frame Clock
bi-03
through PIO line
SSC
SSC1_TK
Synchronous Serial Controller 1
Transmit Bit Clock
bi-03
through PIO line
SSC
SSC1_RK
Synchronous Serial Controller 1
Receive Bit Clock
bi-03
through PIO line
SSC
SSC2_TXD
Synchronous Serial Controller 2
Data Out
bi-03
output through PIO line
SSC
SSC2_TF
Synchronous Serial Controller 2
Transmit Frame Clock
bi-03
through PIO line
Table 3-1.
AT572D940HF Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Notes


Similar Part No. - AT572D940HF-CL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com