Electronic Components Datasheet Search |
|
GI331.A72C330 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
GI331.A72C330 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Incremental encoders www.baumerivo.com 2 GI331, GI333 Part number GI331. See part number (pulses) E-connection C3 Connector M23, 12-pin, radial 41 Cable 1 m, radial Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull 72 4.75...30 VDC / linedriver RS422 (5 VDC) Hollow shaft / torque pin 0 Hollow shaft ø12 mm with 2 thread pins with pin 15 mm, IP 54 1 Hollow shaft ø12 mm with 2 thread pins with pin 9.5 mm, IP 54 A Hollow shaft ø12 mm with 2 thread pins without pin, IP 54 GI333. See part number (pulses) E-connection C3 Connector M23, 12-pin, radial 41 Cable 1 m, radial Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull 72 4.75...30 VDC / linedriver RS422 (5 VDC) Hollow shaft / torque pin 0 Hollow shaft ø12 mm clamping ring on housing with pin 15 mm, IP 54 1 Hollow shaft ø12 mm clamping ring on housing with pin 9.5 mm, IP 54 A Hollow shaft ø12 mm clamping ring on housing without pin, IP 54 G Hollow shaft ø12 mm clamping ring on housing with pin 15 mm, IP 65 Part number (pulses) 49 (5) 57 (128) 22 (1000) 31 (3600) 36 (10) 06 (200) 23 (1024) 34 (4096) 50 (25) 09 (250) 24 (1250) 35 (5000) 39 (50) 13 (360) 26 (1500) 48 (6000) 40 (60) 14 (400) 28 (2000) 41 (100) 15 (500) 30 (2500) Accessories Connectors and cables (page %S) Z 141.001 Female connector M23, 12-pin, less cable Z 141.003 Female connector M23, 12-pin, 2 m cable Z 141.005 Female connector M23, 12-pin, 5 m cable Z 141.007 Female connector M23, 12-pin, 10 m cable Mounting accessories (page %S) Z 119.023 Spring coupling for encoders with ø58 mm housing Z 119.024 Torque support and spring washer for encoders with 9.5 mm pin Z 119.041 Torque support by rubber buffer element for encoders with 15 mm pin Hollow shaft max. ø12 mm Resolution 5...6000 pulses Other pulse numbers upon request. Example: ordering key 23 = 1024 pulses Hollow shaft with thread pins Hollow shaft with clamping ring |
Similar Part No. - GI331.A72C330 |
|
Similar Description - GI331.A72C330 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |