Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT572D940HF-CJ Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 1 Page - ATMEL Corporation

  AT572D940HF-CJ Datasheet HTML 1Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 2Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 3Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 4Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 5Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 6Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 7Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 8Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.
Features
DIOPSIS® Dual Core System Integrating an ARM926EJ-SARM® Thumb® Processor
Core and a mAgicV VLIW DSP of the Magic DSPfamily, optimized for Audio,
Communication and Beam-forming Applications
High Performance MagicV VLIW DSP
– 1 GFLOPS - 1.6 Gops at 100 MHz
– AHB Master Port, integrated DMA Engine and AHB Slave Port
– Up to 10 Arithmetic Operations per Cycle (4 Multiply, 2 Add/subtract, 1 Add, 1
Subtract 40-bit Floating Point and 32-bit Integer) Allowing Single Cycle FFT
Butterfly
– Native Support for Complex Arithmetic and Vectorial SIMD Operations: One
Complex Multiply with Dual Add/sub per Clock Cycle or Two Real Multiply and Two
Add/sub or Simple Scalar Operations
– 32-bit Integer and IEEE® 40-bit Extended Precision Floating Point Numeric Format
– 16-port Data Register File: 256 Registers Organized in Two 128-register Banks
– 5-issue predicated VLIW Architecture with Orthogonal ISA, Code Compression
and Hardware Support for Code Efficient Software Pipeline Loops
– 6 Accesses per Cycle Data Memory System (4 Accesses per Cycle for VLIW
Operations + 2 Accesses per Cycle for DMA Transfers) supported by Flexible
Addressing Capability
– 2 Independent Address Generation Units Operating on a 64 Registers Address
Register File Supporting Complex or Micro-Vectorial Accesses, and DSP features:
Programmable Stride and Circular Buffers
– 1.7 Mbits of On-chip SRAM:
– 16 K x 40-bit Data Memory Locations (6 Memory Accesses per Cycle)
– 8 K x 128-bit Dual Port Program Memory Location, Equivalent to ~50K DSP
Assembler Instructions (typical) thanks to Code Compression and SW Pipelining
– DMA Access to the External Program and Data Memory
– Three Main Operating Modes: Run, Debug and Sleep Modes
– User Mode and Privileged Interrupt Service Mode
– Efficient Optimizing Assembler and C-Oriented Architecture: Allows Easy
Exploitation of the Available Hardware Parallelism
ARM926EJ-S ARM Thumb Processor
– DSP instruction extensions
– ARM Jazelle® Technology for Java® Acceleration
– 16-KByte Data Cache, 16-KByte Instruction Cache, Write Buffer
– 220MIPS at 200MHz
– Memory Management Unit
– EmbeddedICEIn-circuit Emulation, Debug Communication Channel Support
Efficient ARM - DSP Interface through AHB master and slave ports, Memory Mapped
Registers and Ports, Interrupt Lines and Semaphores
Additional Embedded Memories
– 32-KByte of internal ROM, two-cycle access at maximum bus speed
– 48-KByte of internal SRAM, single-cycle access at maximum processor or bus
speed
External Bus Interface (EBI)
– Supports SDRAM, Static Memory, SmartMedia® and NAND Flash, CompactFlash®
USB
– USB 2.0 Full Speed (12 Mbits per second) Host Double Port
DIOPSIS 940HF
ARM926EJ-S PLUS
ONE GFLOPS DSP
AT572D940HF
Preliminary
Summary
7010AS–DSP–07/07


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com