Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI330.122C331 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # GI330.122C331
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI330.122C331 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  GI330.122C331 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI330.122C331 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI330.122C331 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI330.122C331 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
4
Dimensions
41
6
27
58
3.5
5
(9.5)
15
46
16.6
GI332 end shaft and clamping ring on flange
GI330, GI332 connector dimensions
4
1
41
22
13
15 (9.5) 58
4
1
46
16.6
15 (9.5)
58
3.5
M3 x 6
GI330 end shaft and center mounting
GI330, GI332
End shaft up to ø12 mm
Resolution 5...6000 pulses
Dimensions


Similar Part No. - GI330.122C331

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI3302 GTM-GI3302 Datasheet
281Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI3303 GTM-GI3303 Datasheet
286Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GI330.122C331

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com