Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGA32M1-ESMZ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MEGA32M1-ESMZ
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA32M1-ESMZ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MEGA32M1-ESMZ Datasheet HTML 2Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 3Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 4Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 5Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 6Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 7Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 8Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 9Page - ATMEL Corporation MEGA32M1-ESMZ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
7
7647DS–AVR–08/08
ATmega16/32/64/M1/C1
3
PC1
I/O
PSCIN1 (PSC Digital Input 1)
OC1B (Timer 1 Output Compare B)
SS_A (Alternate SPI Slave Select)
PCINT9 (Pin Change Interrupt 9)
6
PC2
I/O
T0 (Timer 0 clock input)
TXCAN (CAN Transmit Output)
PCINT10 (Pin Change Interrupt 10)
7
PC3
I/O
T1 (Timer 1 clock input)
RXCAN (CAN Receive Input)
ICP1B (Timer 1 input capture alternate B input)
PCINT11 (Pin Change Interrupt 11)
17
PC4
I/O
ADC8 (Analog Input Channel 8)
AMP1- (Analog Differential Amplifier 1 Negative Input)
ACMPN3 (Analog Comparator 3 Negative Input )
PCINT12 (Pin Change Interrupt 12)
18
PC5
I/O
ADC9 (Analog Input Channel 9)
AMP1+ (Analog Differential Amplifier 1 Positive Input)
ACMP3 (Analog Comparator 3 Positive Input)
PCINT13 (Pin Change Interrupt 13)
22
PC6
I/O
ADC10 (Analog Input Channel 10)
ACMP1 (Analog Comparator 1 Positive Input )
PCINT14 (Pin Change Interrupt 14)
25
PC7
I/O
D2A (DAC output )
AMP2+ (Analog Differential Amplifier 2 Positive Input)
PCINT15 (Pin Change Interrupt 15)
29
PD0
I/O
PSCOUT0A(1) (PSC Module 0 Output A)
PCINT16 (Pin Change Interrupt 16)
32
PD1
I/O
PSCIN0 (PSC Digital Input 0)
CLKO (System Clock Output)
PCINT17 (Pin Change Interrupt 17)
1
PD2
I/O
OC1A (Timer 1 Output Compare A)
PSCIN2 (PSC Digital Input 2)
MISO_A (Programming & alternate SPI Master In Slave Out)
PCINT18 (Pin Change Interrupt 18)
2
PD3
I/O
TXD (UART Tx data)
TXLIN (LIN Transmit Output)
OC0A (Timer 0 Output Compare A)
SS (SPI Slave Select)
MOSI_A (Programming & alternate Master Out SPI Slave In)
PCINT19 (Pin Change Interrupt 19)
Table 1-1.
Pin out description (Continued)
QFN32 Pin
Number
Mnemonic
Type
Name, Function & Alternate Function


Similar Part No. - MEGA32M1-ESMZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA32M1-ESMZ ATMEL-MEGA32M1-ESMZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - MEGA32M1-ESMZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com