Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM400.A40A307 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GM400.A40A307
Description  Absolute encoders - SSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GM400.A40A307 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GM400.A40A307 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GM400.A40A307 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GM400.A40A307 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GM400.A40A307 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG GM400.A40A307 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG GM400.A40A307 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.baumerivo.com
Absolute encoders - SSI
1
www.baumerivo.com
www.baumerivo.com
GM400 with clamping flange
Features
Encoder multiturn / SSI
Optical sensing
Resolution: singleturn 14 bit, multiturn 12 bit
Clamping flange or synchro flange
Electronic setting of zero point
Counting direction input
Suitable for high positive and negative accelerations
Available with additional incremental output
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤50 mA (24 VDC)
Initializing time (typ.)
20 ms after power on
Interfaces
SSI, Incremental A 90° B
(optional)
Steps per turn
16384 / 14 bit
Number of turns
4096 / 12 bit
Incremental output
2048 pulses A90°B
+ inverted
Absolute accuracy
±0.025°
Sensing method
Optical
Code
Gray or binary
Code sequence
CW/CCW coded by connection
Inputs
SSI clock
Control signals UP/DOWN and
zero
Output circuit
SSI data linedriver RS485
Diagnostic outputs push-pull
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Diagnostic functions
Self-diagnosis
Code continuity check
Multiturn sensing
Approval
UL approval / E63076
GM400, GM401 - SSI
Technical data - mechanical design
Housing
ø58 mm
Protection DIN EN 60529 IP 54 without shaft seal
IP 65 with shaft seal
Operating speed
≤10000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm IP 54
≤0.03 Nm IP 65
Rotor moment of inertia
20 gcm²
Admitted shaft load
≤20 N axial
≤40 N radial
Materials
Housing: steel
Flange: aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
400 g
E-connection
Connector or cable
GM400
Shaft
ø10 mm
Flange
Clamping flange
GM401
Shaft
ø6 mm
Flange
Synchro flange
Shaft with clamping or synchro flange
Optical multiturn encoders 14 bit ST / 12 bit MT
Optional
Stainless steel design


Similar Part No. - GM400.A40A307

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM400 3M-GM400 Datasheet
37Kb / 4P
   3M??Gripping Material
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
   600V/400A 2 IN ONE PACKAGE
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
More results

Similar Description - GM400.A40A307

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com