Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA32M1 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA32M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32M1 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA32M1 Datasheet HTML 4Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 5Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 9Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 10Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 11Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
9
7647DS–AVR–08/08
ATmega16/32/64/M1/C1
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATmega16/32/64/M1/C1 provides the following features: 16K/32K/64K bytes of In-System
Programmable Flash with Read-While-Write capabilities, 512/1024/2048 bytes EEPROM,
1024/2048/4096 bytes SRAM, 27 general purpose I/O lines, 32 general purpose working regis-
ters, one Motor Power Stage Controller, two flexible Timer/Counters with compare modes and
PWM, one UART with HW LIN, an 11-channel 10-bit ADC with two differential input stages with
programmable gain, a 10-bit DAC, a programmable Watchdog Timer with Internal Individual
Oscillator, an SPI serial port, an On-chip Debug system and four software selectable power sav-
ing modes.
Flash Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
SPI
Unit
Watchdog
Timer
4 Analog
Comparators
DAC
ADC
PSC
Timer 1
Timer 0
HW LIN/UART
CAN
Current Source


Similar Part No. - ATMEGA32M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega32M1 ATMEL-ATmega32M1 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega32M1 ATMEL-ATmega32M1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1 ATMEL-ATMEGA32M1 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega32M1 ATMEL-ATmega32M1 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATMEGA32M1 ATMEL-ATMEGA32M1 Datasheet
12Mb / 318P
   8-bit AVR Microcontroller with 16K/32K/64Kbytes
More results

Similar Description - ATMEGA32M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com