Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA165P-16AU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA165P-16AU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165P-16AU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA165P-16AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 9Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 10Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 11Page - ATMEL Corporation ATMEGA165P-16AU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
8019IS–AVR–08/07
ATmega165P
(0xBF)
Reserved
(0xBE)
Reserved
(0xBD)
Reserved
(0xBC)
Reserved
(0xBB)
Reserved
(0xBA)
USIDR
USI Data Register
200
(0xB9)
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
200
(0xB8)
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
201
(0xB7)
Reserved
(0xB6)
ASSR
EXCLK
AS2
TCN2UB
OCR2UB
TCR2UB
149
(0xB5)
Reserved
(0xB4)
Reserved
(0xB3)
OCR2A
Timer/Counter2 Output Compare Register A
148
(0xB2)
TCNT2
Timer/Counter2 (8-bit)
148
(0xB1)
Reserved
(0xB0)
TCCR2A
FOC2A
WGM20
COM2A1
COM2A0
WGM21
CS22
CS21
CS20
146
(0xAF)
Reserved
(0xAE)
Reserved
(0xAD)
Reserved
(0xAC)
Reserved
(0xAB)
Reserved
(0xAA)
Reserved
(0xA9)
Reserved
(0xA8)
Reserved
(0xA7)
Reserved
(0xA6)
Reserved
(0xA5)
Reserved
(0xA4)
Reserved
(0xA3)
Reserved
(0xA2)
Reserved
(0xA1)
Reserved
(0xA0)
Reserved
(0x9F)
Reserved
(0x9E)
Reserved
(0x9D)
Reserved
(0x9C)
Reserved
(0x9B)
Reserved
(0x9A)
Reserved
(0x99)
Reserved
(0x98)
Reserved
(0x97)
Reserved
(0x96)
Reserved
(0x95)
Reserved
(0x94)
Reserved
(0x93)
Reserved
(0x92)
Reserved
(0x91)
Reserved
(0x90)
Reserved
(0x8F)
Reserved
(0x8E)
Reserved
(0x8D)
Reserved
(0x8C)
Reserved
(0x8B)
OCR1BH
Timer/Counter1 - Output Compare Register B High Byte
125
(0x8A)
OCR1BL
Timer/Counter1 - Output Compare Register B Low Byte
125
(0x89)
OCR1AH
Timer/Counter1 - Output Compare Register A High Byte
125
(0x88)
OCR1AL
Timer/Counter1 - Output Compare Register A Low Byte
125
(0x87)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
126
(0x86)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
126
(0x85)
TCNT1H
Timer/Counter1 - Counter Register High Byte
125
(0x84)
TCNT1L
Timer/Counter1 - Counter Register Low Byte
125
(0x83)
Reserved
(0x82)
TCCR1C
FOC1A
FOC1B
124
(0x81)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
123
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
WGM11
WGM10
121
(0x7F)
DIDR1
AIN1D
AIN0D
207
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
225
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA165P-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165P-16AU ATMEL-ATMEGA165P-16AU Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P-16AU ATMEL-ATMEGA165P-16AU Datasheet
274Kb / 21P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA165P-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com