Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA16HVA Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA16HVA
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16HVA Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA16HVA Datasheet HTML 6Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 7Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 8Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 9Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 10Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 11Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 12Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 13Page - ATMEL Corporation ATMEGA16HVA Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
8024AS–AVR–04/08
ATmega8HVA/16HVA
(0x7D)
Reserved
(0x7C)
VADMUX
VADMUX[3:0]
114
(0x7B)
Reserved
(0x7A)
VADCSR
VADEN
VADSC
VADCCIF
VADCCIE
114
(0x79)
VADCH
VADC Data Register High byte
115
(0x78)
VADCL
VADC Data Register Low byte
115
(0x77)
Reserved
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
Reserved
(0x6F)
TIMSK1
ICIE1
OCIE1B
OCIE1A
TOIE1
92
(0x6E)
TIMSK0
ICIE0
OCIE0B
OCIE0A
TOIE0
92
(0x6D)
Reserved
(0x6C)
Reserved
(0x6B)
Reserved
(0x6A)
Reserved
(0x69)
EICRA
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
56
(0x68)
Reserved
(0x67)
Reserved
(0x66)
FOSCCAL
Fast Oscillator Calibration Register
30
(0x65)
Reserved
(0x64)
PRR0
PRVRM
PRSPI
PRTIM1
PRTIM0
PRVADC
39
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS1
CLKPS0
31
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
49
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
9
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
12
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SIGRD
CTPB
RFLB
PGWRT
PGERS
SPMEN
147
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
–CKOE
PUD
73/31
0x34 (0x54)
MCUSR
OCDRF
WDRF
BODRF
EXTRF
PORF
49
0x33 (0x53)
SMCR
SM[2:0]
SE
39
0x32 (0x52)
Reserved
0x31 (0x51)
DWDR
debugWIRE Data Register
140
0x30 (0x50)
Reserved
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPI Data Register
103
0x2D (0x4D)
SPSR
SPIF
WCOL
–SPI2X
102
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
101
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
23
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
23
0x29 (0x49)
OCR0B
Timer/Counter0 Output Compare Register B
92
0x28 (0x48)
OCR0A
Timer/Counter0 Output Compare Register A
91
0x27 (0x47)
TCNT0H
Timer/Counter0 (8 Bit) High Byte
91
0x26 (0x46)
TCNT0L
Timer/Counter0 (8 Bit) Low Byte
91
0x25 (0x45)
TCCR0B
CS02
CS01
CS00
76
0x24 (0x44)
TCCR0A
TCW0
ICEN0
ICNC0
ICES0
ICS0
–WGM00
90
0x23 (0x43)
GTCCR
TSM
PSRSYNC
0x22 (0x42)
Reserved
0x21 (0x41)
EEAR
EEPROM Address Register Low Byte
19
0x20 (0x40)
EEDR
EEPROM Data Register
19
0x1F (0x3F)
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
19
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
23
0x1D (0x3D)
EIMSK
INT2
INT1
INT0
57
0x1C (0x3C)
EIFR
INTF2
INTF1
INTF0
57
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA16HVA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16HVA ATMEL-ATMEGA16HVA_14 Datasheet
2Mb / 196P
   High Endurance Non-volatile Memorie segments
More results

Similar Description - ATMEGA16HVA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com