Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3B1128 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT32UC3B1128
Description  AVR32 32-Bit Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B1128 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT32UC3B1128 Datasheet HTML 6Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 7Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 8Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 9Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 10Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 11Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 12Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 13Page - ATMEL Corporation AT32UC3B1128 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
10
32059GS–AVR32–04/08
AT32UC3B
A2
Channel 2 Line A
I/O
B0
Channel 0 Line B
I/O
B1
Channel 1 Line B
I/O
B2
Channel 2 Line B
I/O
CLK0
Channel 0 External Clock Input
Input
CLK1
Channel 1 External Clock Input
Input
CLK2
Channel 2 External Clock Input
Input
Two-wire Interface - TWI
SCL
Serial Clock
I/O
SDA
Serial Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter - USART0, USART1, USART2
CLK
Clock
I/O
CTS
Clear To Send
Input
DCD
Data Carrier Detect
Only USART1
DSR
Data Set Ready
Only USART1
DTR
Data Terminal Ready
Only USART1
RI
Ring Indicator
Only USART1
RTS
Request To Send
Output
RXD
Receive Data
Input
TXD
Transmit Data
Output
Analog to Digital Converter - ADC
AD0 - AD7
Analog input pins
Analog
input
ADVREF
Analog positive reference voltage input
Analog
input
2.6 to 3.6V
Pulse Width Modulator - PWM
PWM0 - PWM6
PWM Output Pins
Output
Universal Serial Bus Device - USB
DDM
USB Device Port Data -
Analog
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3B1128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B1128 ATMEL-AT32UC3B1128 Datasheet
985Kb / 62P
   32-Bit Microcontroller
AT32UC3B1128 ATMEL-AT32UC3B1128 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B1128 ATMEL-AT32UC3B1128 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B1128 ATMEL-AT32UC3B1128 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3B1128-AUR ATMEL-AT32UC3B1128-AUR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B1128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com