Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3B164 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT32UC3B164
Description  AVR32 32-Bit Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B164 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT32UC3B164 Datasheet HTML 1Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 2Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 3Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 4Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 5Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 6Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 7Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 8Page - ATMEL Corporation AT32UC3B164 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
4
32059GS–AVR32–04/08
AT32UC3B
3.
Blockdiagram
Figure 3-1.
Block diagram
TIMER/COUNTER
INTERRUPT
CONTROLLER
REAL TIME
COUNTER
PERIPHERAL
DMA
CONTROLLER
HSB-PB
BRIDGE B
HSB-PB
BRIDGE A
S
MM
M
S
S
M
EXTERNAL
INTERRUPT
CONTROLLER
HIGH SPEED
BUS MATRIX
PA
PB
A[2..0]
B[2..0]
CLK[2..0]
EXTINT[7..0]
KPS[7..0]
NMI_N
GCLK[3..0]
XIN32
XOUT32
XIN0
XOUT0
PA
PB
RESET_N
32 KHz
OSC
115 kHz
RCOSC
OSC0
PLL0
PULSE WIDTH
MODULATION
CONTROLLER
SERIAL
PERIPHERAL
INTERFACE
TWO-WIRE
INTERFACE
MISO, MOSI
NPCS[3..0]
PWM[6..0]
SCL
SDA
USART1
RXD
TXD
CLK
RTS, CTS
DSR, DTR, DCD, RI
USART0
USART2
RXD
TXD
CLK
RTS, CTS
SYNCHRONOUS
SERIAL
CONTROLLER
TX_CLOCK, TX_FRAME_SYNC
RX_DATA
TX_DATA
RX_CLOCK, RX_FRAME_SYNC
ANALOG TO
DIGITAL
CONVERTER
AD[7..0]
ADVREF
WATCHDOG
TIMER
XIN1
XOUT1
OSC1
PLL1
SCK
JTAG
INTERFACE
MCKO
MDO[5..0]
MSEO[1..0]
EVTI_N
TCK
TDO
TDI
TMS
POWER
MANAGER
RESET
CONTROLLER
SLEEP
CONTROLLER
CLOCK
CONTROLLER
CLOCK
GENERATOR
CONFIGURATION
REGISTERS BUS
PB
PB
HSB
HS
B
256 KB
FLASH
S
M
S
USB
INTERFACE
DMA
ID
VBOF
VBUS
D-
D+
EVTO_N
UC CPU
NEXUS
CLASS 2+
OCD
INSTR
INTERFACE
DATA
INTERFACE
FAST GPIO
32 KB
SRAM
MEMORY PROTECTION UNIT
LOCAL BUS
INTERFACE


Similar Part No. - AT32UC3B164

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B164 ATMEL-AT32UC3B164 Datasheet
985Kb / 62P
   32-Bit Microcontroller
AT32UC3B164 ATMEL-AT32UC3B164 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B164 ATMEL-AT32UC3B164 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B164 ATMEL-AT32UC3B164 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3B164-AUR ATMEL-AT32UC3B164-AUR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B164

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com