Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C256F-15TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C256F-15TI
Description  256K (32K x 8) Paged Parallel EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-15TI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C256F-15TI Datasheet HTML 1Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 2Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 3Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 4Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 5Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 6Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 7Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 8Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
Fast Read Access Time – 150 ns
Automatic Page Write Operation
– Internal Address and Data Latches for 64 Bytes
– Internal Control Timer
Fast Write Cycle Times
– Page Write Cycle Time: 3 ms or 10 ms Maximum
– 1 to 64-byte Page Write Operation
Low Power Dissipation
– 50 mA Active Current
– 200 µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
– Endurance: 104 or 105 Cycles
– Data Retention: 10 Years
Single 5V
± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-wide Pinout
Full Military and Industrial Temperature Ranges
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT28C256 is a high-performance electrically erasable and programmable read-
only memory. Its 256K of memory is organized as 32,768 words by 8 bits. Manufac-
tured with Atmel’s advanced nonvolatile CMOS technology, the device offers access
times to 150 ns with power dissipation of just 440 mW. When the device is deselected,
the CMOS standby current is less than 200 µA.
The AT28C256 is accessed like a Static RAM for the read or write cycle without the
need for external components. The device contains a 64-byte page register to allow
writing of up to 64 bytes simultaneously. During a write cycle, the addresses and 1 to
64 bytes of data are internally latched, freeing the address and data bus for other
operations. Following the initiation of a write cycle, the device will automatically write
the latched data using an internal control timer. The end of a write cycle can be
detected by DATA Polling of I/O7. Once the end of a write cycle has been detected a
new access for a read or write can begin.
Atmel’s AT28C256 has additional features to ensure high quality and manufacturabil-
ity. The device utilizes internal error correction for extended endurance and improved
data retention characteristics. An optional software data protection mechanism is
available to guard against inadvertent writes. The device also includes an extra
64 bytes of EEPROM for device identification or tracking.
256K (32K x 8)
Paged Parallel
EEPROM
AT28C256
0006K–PEEPR–01/08


Similar Part No. - AT28C256F-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-15TI ATMEL-AT28C256F-15TI Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
More results

Similar Description - AT28C256F-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Microchip Technology
AT28C010 MICROCHIP-AT28C010 Datasheet
524Kb / 31P
   Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
2020
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com