Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C1024-45JI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C1024-45JI
Description  1-Megabit (64K x 16) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-45JI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C1024-45JI Datasheet HTML 1Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 2Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 3Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 4Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 5Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 6Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 7Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 8Page - ATMEL Corporation AT27C1024-45JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
0019M–EPROM–12/07
AT27C1024
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics.
3. VH = 12.0 ± 0.5V.
4. Two identifier words may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification word and high (VIH) to select the Device Code word.
5. Standby VCC current (ISB) is specified with VPP = VCC. VCC > VPP will cause a slight increase in ISB.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP..
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP..
6.
Operating Modes
Mode/Pin
CE
OE
PGM
Ai
V
PP
Outputs
Read
VIL
VIL
X(1)
Ai
X
DOUT
Output Disable
X
VIH
X
X
X
High Z
Standby
V
IH
XX
X
X(5)
High Z
Rapid Program(2)
VIL
VIH
VIL
Ai
VPP
DIN
PGM Verify
VIL
VIL
VIH
Ai
VPP
DOUT
PGM Inhibit
V
IH
XX
X
V
PP
High Z
Product Identification(4)
VIL
VIL
X
A9 = VH
(3)
A0 = VIH or VIL
A1 - A15 = V
IL
VCC
Identification Code
7.
DC and AC Operating Conditions for Read Operation
AT27C1024
-45
-70
Operating Temp. (Case)
Ind.
-40
° C - 85° C-40° C - 85° C
Auto.
V
CC Power Supply
5V ± 10%
5V ± 10%
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
Ind.
±1
µA
Auto.
±5
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
Ind.
±5
µA
Auto.
±10
µA
IPP1
(2)
VPP
(1)) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V


Similar Part No. - AT27C1024-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-45JI ATMEL-AT27C1024-45JI Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
More results

Similar Description - AT27C1024-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com