Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R-45TI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C512R-45TI
Description  512K (64K x 8) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-45TI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C512R-45TI Datasheet HTML 1Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 2Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 3Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 4Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 5Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 6Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 7Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 8Page - ATMEL Corporation AT27C512R-45TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
0015O–EPROM–12/07
AT27C512R
2.1
28-lead PDIP/SOIC Top View
2.2
32-lead PLCC Top View
Note:
PLCC Package Pins 1 and 17 are Don’t Connect.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE
O7
O6
O5
O4
O3
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE/VPP
A10
CE
O7
O6
2.3
28-lead TSOP Top View – Type 1
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A10
CE
O7
O6
O5
O4
O3
GND
O2
O1
O0
A0
A1
A2
OE/VPP
A11
A9
A8
A13
A14
VCC
1
2
3
4
5
6
7
2.
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE/VPP
Output Enable/ Program Supply
NC
No Connect


Similar Part No. - AT27C512R-45TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45TI ATMEL-AT27C512R-45TI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C512R-45TI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com