Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R-70JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C512R-70JI
Description  512K (64K x 8) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-70JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C512R-70JI Datasheet HTML 1Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 2Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 3Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 4Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 5Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 6Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 7Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 8Page - ATMEL Corporation AT27C512R-70JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
0015O–EPROM–12/07
AT27C512R
3.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce tran-
sient voltage excursions. Unless accommodated by the system design, these transients may
exceed datasheet limits, resulting in device non-conformance. At a minimum, a 0.1 µF high
frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This
capacitor should be connected between the V
CC and Ground terminals of the device, as close
to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7 µF bulk electrolytic capacitor should be utilized, again
connected between the V
CC and Ground terminals. This capacitor should be positioned as
close as possible to the point where the power supply is connected to the array.
4.
Block Diagram
Note:
1. Minimum voltage is -0.6V DC which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is
V
CC + 0.75V DC which may overshoot to +7.0 volts for pulses of less than 20 ns.
5.
Absolute Maximum Ratings*
Temperature Under Bias............................... -55°C to + 125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and func-
tional operation of the device at these or any other
conditions beyond those indicated in the opera-
tional sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Storage Temperature .................................... -65°C to + 150°C
Voltage on Any Pin with
Respect to Ground ........................................-2.0V to + 7.0V(1)
Voltage on A9 with
Respect to Ground .....................................-2.0V to + 14.0V(1)
VPP Supply Voltage with
Respect to Ground ......................................-2.0V to + 14.0V(1)


Similar Part No. - AT27C512R-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-70JI ATMEL-AT27C512R-70JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C512R-70JI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com